Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27-21-T1D-CQ1R2NW-3C Datasheet(PDF) 11 Page - Everlight Electronics Co., Ltd

Part # 27-21-T1D-CQ1R2NW-3C
Description  Chip LED with Right Angle Lens
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

27-21-T1D-CQ1R2NW-3C Datasheet(HTML) 11 Page - Everlight Electronics Co., Ltd

Back Button 27-21-T1D-CQ1R2NW-3C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 10Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 11Page - Everlight Electronics Co., Ltd 27-21-T1D-CQ1R2NW-3C Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-05-06 09:17:36.0
27-21/T1D-CQ1R2NW/3C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 11 of 12
Device No. :DSE-0001360
Prepared date: 15-Apr-2009
Prepared by: Huang yongxin
Precautions For Use
1. Over-current-proof
Customer must apply resistors for protection , otherwise slight voltage shift will cause big
current change ( Burn out will happen ).
2. Storage
2.1 Do not open moisture proof bag before the products are ready to use.
2.2 Before opening the package: The LEDs should be kept at 30℃ or less and 90%RH or less.
2.3 After opening the package: The LED's floor life is 1 year under 30℃ or less and 60% RH or less.
If unused LEDs remain, it should be stored in moisture proof packages.
2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the
storage time, baking treatment should be performed using the following conditions.
Baking treatment : 60±5℃ for 24 hours.
3. Soldering Condition
3.1 Pb-free solder temperature profile
3.2 Reflow soldering should not be done more than two times.
3.3 When soldering, do not put stress on the LEDs during heating.
3.4 After soldering, do not warp the circuit board.


Similar Part No. - 27-21-T1D-CQ1R2NW-3C

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
27-21-T1D-CQ1R2NW-3C TO-GRACE-27-21-T1D-CQ1R2NW-3C Datasheet
1Mb / 12P
   Chip LED with Right Angle Resin
More results

Similar Description - 27-21-T1D-CQ1R2NW-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
12-21-T3D-AQ2S2M-2C EVERLIGHT-12-21-T3D-AQ2S2M-2C Datasheet
167Kb / 12P
   Chip LED with Right Angle Lens
48-213-BHC-ZM2P1QY-3C EVERLIGHT-48-213-BHC-ZM2P1QY-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-AN1P2-2C EVERLIGHT-12-21C-BHC-AN1P2-2C Datasheet
198Kb / 10P
   Chip LED with Right Angle Lens
12-215-BHC-AN1P2-3C EVERLIGHT-12-215-BHC-AN1P2-3C_04 Datasheet
143Kb / 10P
   Chip LED with Right Angle Lens
12-215-G6C-AL2M2B-3C EVERLIGHT-12-215-G6C-AL2M2B-3C Datasheet
137Kb / 10P
   Chip LED with Right Angle Lens
12-215-Y2C-CP1Q2B-3C EVERLIGHT-12-215-Y2C-CP1Q2B-3C Datasheet
149Kb / 10P
   Chip LED with Right Angle Lens
27-21SURC EVERLIGHT-27-21SURC Datasheet
163Kb / 9P
   Chip LED with Right Angle Lens
27-21SYGC EVERLIGHT-27-21SYGC_05 Datasheet
151Kb / 9P
   Chip LED with Right Angle Lens
12-215-BHC-XL1M2HY-3C EVERLIGHT-12-215-BHC-XL1M2HY-3C Datasheet
139Kb / 10P
   Chip LED with Right Angle Lens
12-21C-BHC-YL1M2HY-2C EVERLIGHT-12-21C-BHC-YL1M2HY-2C_11 Datasheet
203Kb / 10P
   Chip LED with Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com