Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH32N90B2D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH32N90B2D1
Description  HiPerFAST IGBT with Fast Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N90B2D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH32N90B2D1 Datasheet HTML 1Page - IXYS Corporation IXGH32N90B2D1 Datasheet HTML 2Page - IXYS Corporation IXGH32N90B2D1 Datasheet HTML 3Page - IXYS Corporation IXGH32N90B2D1 Datasheet HTML 4Page - IXYS Corporation IXGH32N90B2D1 Datasheet HTML 5Page - IXYS Corporation IXGH32N90B2D1 Datasheet HTML 6Page - IXYS Corporation IXGH32N90B2D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 32N90B2D1
IXGT 32N90B2D1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ. Max.
g
fs
I
C
= I
C110 , VCE = 10 V
18
28
S
Pulse test, t < 300
μs, duty cycle < 2 %
C
ies
1790
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
146
pF
C
res
49
pF
Q
g
89
nC
Q
ge
I
C = IC110 , VGE = 15 V, VCE = 0.5 VCES
15
nC
Q
gc
34
nC
t
d(on)
20
ns
t
ri
22
ns
t
d(off)
260
400
ns
t
fi
150
ns
E
off
2.2
4.5
mJ
t
d(on)
20
ns
t
ri
22
ns
E
on
3.8
mJ
t
d(off)
360
ns
t
fi
330
ns
E
off
5.75
mJ
R
thJC
0.42 K/W
R
thCS
(TO-247)
0.25
K/W
Inductive load, T
J = 25°C
I
C = IC110 , VGE = 15 V
V
CE = 720 V, RG = Roff = 5 Ω
Inductive load, T
J = 125°C
I
C = IC110 A, VGE = 15 V
V
CE = 720 V, RG = Roff = 5 Ω
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-268 Outline
Ultrafast Diode
Symbol
Conditions
Maximum Ratings
I
F110
T
C = 110°C
27
A
Symbol
Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
V
F
I
F = 30 A;
2.75
V
T
VJ = 125°C
1.9
V
I
RM
I
F = 50 A; diF/dt = -100 A/μs; TVJ = 100°C
5.5
11.4
A
t
rr
V
R = 100 V; VGE = 0 V
190
ns
R
thJC
0.9
K/W
R
thCS
0.25
K/W
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2


Similar Part No. - IXGH32N90B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
   HiPerFAST IGBT B2-Class High Speed IGBTs
More results

Similar Description - IXGH32N90B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH50N90B2D1 IXYS-IXGH50N90B2D1 Datasheet
208Kb / 7P
   HiPerFAST IGBT with Fast Diode
IXGK50N60C2D1 IXYS-IXGK50N60C2D1 Datasheet
628Kb / 6P
   HiPerFAST IGBT with Diode
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGH32N60CD1 IXYS-IXGH32N60CD1 Datasheet
168Kb / 5P
   HiPerFAST IGBT with Diode
IXGH24N60BU1 IXYS-IXGH24N60BU1 Datasheet
135Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60B2D1 IXYS-IXGK50N60B2D1 Datasheet
633Kb / 6P
   HiPerFAST IGBT with Diode
IXGK50N60BD1 IXYS-IXGK50N60BD1 Datasheet
125Kb / 5P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com