Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK400-240 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK400-240
Description  AF Power Amplifier (Split Power Supply) (20W20W20W, THD = 0.4%)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK400-240 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK400-240 Datasheet HTML 1Page - Sanyo Semicon Device STK400-240 Datasheet HTML 2Page - Sanyo Semicon Device STK400-240 Datasheet HTML 3Page - Sanyo Semicon Device STK400-240 Datasheet HTML 4Page - Sanyo Semicon Device STK400-240 Datasheet HTML 5Page - Sanyo Semicon Device STK400-240 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STK400-030
SANYO Electric Co., Ltd. Semiconductor Business Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
N0697HA (ID) No. 5703—1/6
Ordering number: EN 5703
Thick Film Hybrid IC
AF Power Amplifier (Split Power Supply)
(20W+20W+20W, THD = 0.4%)
Overview
The STK400-030 is a 3-channel AF power amplifier IC
supporting multichannel speakers. One package includes
20W
×3ch for Lch, Rch and Cch. It is pin compatible with
both 3-channel output devices (STK400-*00 series) and 2-
channel output devices (STK401-*00 series). The output
load impedance is 6/3
Ω.
Features
• New series
combining
3-channel
output
devices
(STK400-*00 series) and 2-channel output devices
(STK401-*00 series) with the same pin compatibility.
• Output load impedance is 6/3
Ω.
• Pin assignment is grouped into individual blocks of
inputs, outputs and supply lines, minimizing the adverse
effects of pattern layout on operating characteristics.
• Minimum number of external components required.
Package Dimensions
unit: mm
4086A
Specified Transformer Power Supply
(RP-25 or Equivalent)
[STK400-030]
Specifications
Maximum Ratings at Ta = 25
°C
Operating Characteristics at Ta = 25
°C, R
L = 6Ω (noninductive load), Rg = 600Ω, VG = 40dB
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±34
V
Thermal resistance
θj-c
Per power transistor
2.1
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
−30 to +125
°C
Available time for load short-circuit
ts
VCC = ±23V, RL = 6Ω,
f = 50Hz, PO = 20W
1s
Parameter
Symbol
Conditions
min
typ
max
Unit
Output power
PO(1)
VCC = ±23V, f = 20Hz to
20kHz, THD = 0.4%
20
25
W
PO(2)
VCC = ±19V, f = 1kHz,
THD = 1.0%, RL = 3Ω
20
25
W
Total harmonic distortion
THD(1)
VCC = ±23V, f = 20Hz to
20kHz, PO = 1.0W
0.4
%
THD(2)
VCC = ±23V, f = 1kHz,
PO = 5.0W
0.02
%


Similar Part No. - STK400-240

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK400-240 SANYO-STK400-240 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK400-240 SANYO-STK400-240 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK400-240 SANYO-STK400-240 Datasheet
186Kb / 6P
   AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
STK400-240 SANYO-STK400-240 Datasheet
536Kb / 10P
   AF Power Amplifier (Split Power Supply) (50 W 50 W 50W min, THD = 0.08%)
STK400-240 SANYO-STK400-240 Datasheet
267Kb / 8P
   3ch AF Power Amplifier (Split Power Supply) (25 W 25 W 25 W, THD = 0.4%)?
More results

Similar Description - STK400-240

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4412 SANYO-STK4412 Datasheet
217Kb / 7P
   2-Channel AF Power Amplifier (20W20W min, THD = 1.0%)
STK4132II SANYO-STK4132II Datasheet
330Kb / 8P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W, THD =1%??????????
STK405-030 SANYO-STK405-030 Datasheet
151Kb / 6P
   2ch AF Power Amplifier (Split Power Supply) 20W 20 W min, THD =10%?????????
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
   20W LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com