Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5SMF-RJS-CV14QBB2 Datasheet(PDF) 2 Page - Cree, Inc

Part # C5SMF-RJS-CV14QBB2
Description  5-mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C5SMF-RJS-CV14QBB2 Datasheet(HTML) 2 Page - Cree, Inc

  C5SMF-RJS-CV14QBB2 Datasheet HTML 1Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 2Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 3Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 4Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 5Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 6Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 7Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 8Page - Cree, Inc C5SMF-RJS-CV14QBB2 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
CLD-CT201.003
Cree,Inc.
4600 Silicon Drive
Durham,NC27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,the
CreelogoandScreenMasterareregisteredtrademarksofCree,Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red
Blue and Green
Forward Current
I
F
50 Note1
35
mA
Peak Forward Current Note2
I
FP
200
100
mA
Reverse Voltage
V
R
5
5
V
Power Dissipation
P
D
130
140
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max.260°Cfor3sec.max.
(3mmfromthebaseoftheepoxybulb)
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note:
1. Forlong-termperformance,thedrivecurrentsbetween10mAand30mAarerecommended.Pleasecontacta
Creesalesrepresentativeformoreinformationonrecommendeddriveconditions.
2. Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red
V
F
I
F = 20 mA
V
2.1
2.6
Blue/Green
V
F
I
F = 20 mA
V
3.4
4.0
Reverse Current
Red
I
R
V
R = 5 V
μA
100
Blue/Green
I
R
V
R = 5 V
μA
100
Dominant Wavelength
Red
λ
D
I
F = 20 mA
nm
619
621
624
Green
λ
D
I
F = 20 mA
nm
520
527
535
Blue
λ
D
I
F = 20 mA
nm
460
470
475
Luminous Intensity
C5SMF - Red
I
V
I
F = 20 mA
mcd
1100
2200
C5SME - Red
I
V
I
F = 20 mA
mcd
770
1100
Green
I
V
I
F = 20 mA
mcd
2130
4400
Blue
I
V
I
F = 20 mA
mcd
550
1100


Similar Part No. - C5SMF-RJS-CV14QBB2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C5SMF-RJS-CV14QBB2 MARKTECH-C5SMF-RJS-CV14QBB2 Datasheet
521Kb / 10P
   Cree짰 Screen Master짰 5-mm Oval LED
More results

Similar Description - C5SMF-RJS-CV14QBB2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C5SMF-AJS CREE-C5SMF-AJS Datasheet
494Kb / 8P
   5-mm Oval LED
LO566TBG4-60G-A1 CREE-LO566TBG4-60G-A1 Datasheet
325Kb / 5P
   5-mm Oval LED
LO566TPG4-70G-A CREE-LO566TPG4-70G-A Datasheet
354Kb / 5P
   5-mm Oval LED
LO566TWN1-70G-A1 CREE-LO566TWN1-70G-A1 Datasheet
361Kb / 6P
   5-mm Oval LED
logo
Marktech Corporate
C5SMF-C5SME MARKTECH-C5SMF-C5SME_15 Datasheet
521Kb / 10P
   5-mm Oval LED
logo
Cree, Inc
LO5SMPHR4-B0G-A CREE-LO5SMPHR4-B0G-A Datasheet
335Kb / 5P
   5-mm Oval LED
LO5SMTWN1-B0G-A1 CREE-LO5SMTWN1-B0G-A1 Datasheet
365Kb / 6P
   5-mm Oval LED
LO566THR4-70G-A2 CREE-LO566THR4-70G-A2 Datasheet
337Kb / 5P
   5-mm Oval LED
LO566TWN1-70H-A1 CREE-LO566TWN1-70H-A1 Datasheet
367Kb / 6P
   5-mm Oval LED
LO5SMTPG4-B0G-A2 CREE-LO5SMTPG4-B0G-A2 Datasheet
336Kb / 5P
   5-mm Oval LED
LO566TBL4-70G-A CREE-LO566TBL4-70G-A Datasheet
334Kb / 5P
   5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com