Electronic Components Datasheet Search |
|
C566C-GFS-CX0Y0781 Datasheet(PDF) 1 Page - Cree, Inc |
|
C566C-GFS-CX0Y0781 Datasheet(HTML) 1 Page - Cree, Inc |
1 / 10 page 1 Subject to change without notice. www.cree.com/ledlamps Cree® 5mm Oval LED C566C-RFS/GFS/BFS/AFS C566C-RFN/GFN/BFN/AFN This oval LED is specifically designed for variable-message signs and passenger-information signs. The oval-shaped radiation pattern and high luminous intensity ensure that these devices are excellent for wide-field- of-view outdoor applications where a wide viewing angle and readability in sunlight are essential. These lamps are tinted and diffused. The encapsulation resin contains anti- UV material in order to reduce the effects of long-term exposure to direct sunlight. FEATURES • Size (mm): 5 • Color and Typical Dominant Wavelength (nm): » Red(621) » Green (527) » Blue (470) » Amber (591) • Luminous Intensity (mcd) » Red (1100-4180) » Green (2130-12000) » Blue (770-4180) » Amber (1520-4180) • Viewing Angle: 70 x 35 degree • Lead-Free • RoHS-Compliant APPLICATIONS • Electronic Signs & Signals (ESS) • Full-Color Video Screen • Motorway Signs • Variable-Message Sign (VMS) • Advertising Signs • Petrol Signs |
Similar Part No. - C566C-GFS-CX0Y0781 |
|
Similar Description - C566C-GFS-CX0Y0781 |