Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEA1703T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1703T
Description  GreenChip SMPS standby control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1703T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1703T Datasheet HTML 3Page - NXP Semiconductors TEA1703T Datasheet HTML 4Page - NXP Semiconductors TEA1703T Datasheet HTML 5Page - NXP Semiconductors TEA1703T Datasheet HTML 6Page - NXP Semiconductors TEA1703T Datasheet HTML 7Page - NXP Semiconductors TEA1703T Datasheet HTML 8Page - NXP Semiconductors TEA1703T Datasheet HTML 9Page - NXP Semiconductors TEA1703T Datasheet HTML 10Page - NXP Semiconductors TEA1703T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TEA1703T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.3 — 28 April 2011
7 of 15
NXP Semiconductors
TEA1703T
GreenChip SMPS standby control IC
7.4 Power sensing (pin PSENSE)
Output power sensing is implemented using an external filter network on pin PSENSE.
The PSENSE input is not latched internally. If, during standby mode, pin PSENSE is
pulled above the Vth(Psense) level, the OPTO output is disabled.
7.5 Switching detection (pin SWDET)
A switching detection pin is provided to prevent applications resetting a latched protection
of the primary-side converter, such as the TEA1753. The standby mode can only be
activated when the current into pin SWDET is above the Ith(det)sw level.
The SWDET signal is latched internally. As soon as the OPTO output is activated, the
SWDET signal is ignored.
If the SWDET input is not needed, it can be connected to pin VCC via a series resistor.
The current into pin SWDET must be above the Ith(det)sw level when the switched mode
power supply is in normal operation.
7.6 Optocoupler output (pin OPTO)
The optocoupler output is an open-drain output with an integrated diode connected to
pin VCC. The output is driven with a fixed frequency (fosc,) and a fixed on-time (ton(OPTO)).
The optocoupler diode current can be set by choosing the value of the series inductor.
The current is not limited internally.
7.7 Optocoupler CTR
The CTR of a typical optocoupler falls significantly when small opto-diode currents are
used. With low optocoupler output currents, a significantly higher diode current is needed
for a typical low-cost optocoupler.
In low standby power operation of the switched-mode power supply it is necessary to
keep all currents low. To maintain a high CTR, the optocoupler diode can be driven with a
high current and a small duty cycle. The average driving current will still be low.
Figure 6 shows a typical optocoupler CTR plotted for a DC-driven opto-diode and a
pulse-driven opto-diode. The pulse-driven diode is driven with a 2 mA duty cycle
modulated current. The CTR remains high even for a very small average diode current
(low duty cycle) when the diode is pulse-driven, while the CTR for a DC-driven
optocoupler falls to a few percent.


Similar Part No. - TEA1703T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
   GreenChip SMPS standby control IC
Rev. 1-7 June 2012
More results

Similar Description - TEA1703T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1703TS PHILIPS-TEA1703TS Datasheet
342Kb / 15P
   GreenChip SMPS standby control IC
Rev. 1-7 June 2012
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com