Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT5470C-UR Datasheet(PDF) 2 Page - Marktech Corporate

Part # MT5470C-UR
Description  5.2횞4.6mm OVAL LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT5470C-UR Datasheet(HTML) 2 Page - Marktech Corporate

  MT5470C-UR Datasheet HTML 1Page - Marktech Corporate MT5470C-UR Datasheet HTML 2Page - Marktech Corporate MT5470C-UR Datasheet HTML 3Page - Marktech Corporate MT5470C-UR Datasheet HTML 4Page - Marktech Corporate MT5470C-UR Datasheet HTML 5Page - Marktech Corporate MT5470C-UR Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MT5470C-UR
5.2×4.6mm OVAL LED
LAMP
VER.: 01
Date: 2010/06/24
Page: 1/5
Description
This hyper red lamp is made with AlGaInP/GaP chip and red diffused
epoxy resin.
AK
2.54±0.1
4.6
5.2
Notes:
1. All dimensions are in mm.
2. Tolerance is ± 0.25mm unless otherwise noted.
Description
LED Chip
Part No.
Material
Emitting Color
Lens Color
MT5470C-UR
AlGaInP/GaP
Hyper red
Red diffused


Similar Part No. - MT5470C-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5470C-OR MARKTECH-MT5470C-OR Datasheet
282Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
More results

Similar Description - MT5470C-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5470B-UR MARKTECH-MT5470B-UR Datasheet
141Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470-UG MARKTECH-MT5470-UG Datasheet
171Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470-BL MARKTECH-MT5470-BL Datasheet
164Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470B-UY MARKTECH-MT5470B-UY Datasheet
141Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470C-OR MARKTECH-MT5470C-OR Datasheet
282Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470B-OR MARKTECH-MT5470B-OR Datasheet
142Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470-UY MARKTECH-MT5470-UY Datasheet
163Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470-UYS MARKTECH-MT5470-UYS Datasheet
165Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470A-LWT MARKTECH-MT5470A-LWT_15 Datasheet
247Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
   OVAL LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com