Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE108CL-J Datasheet(PDF) 1 Page - Marktech Corporate

Part # MTE108CL-J
Description  Infrared Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTE108CL-J Datasheet(HTML) 1 Page - Marktech Corporate

  MTE108CL-J_2 Datasheet HTML 1Page - Marktech Corporate MTE108CL-J_2 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.marktechopto.com
800.984.5337
MTE108CL-J
Infrared Emitting Diode
Features:
High Output Power
Parallel Rays
High Reliability in Demanding Environments
Applications:
Optical Switches
Linear Rotary Encoder
Absolute Maximum Ratings (Ta=25ºC)
Items
Symbol
Ratings
Unit
Forward Current (DC)
IF
100
mA
Forward Current (Pulse)*1
IFP
1
A
Reverse Voltage
VR
5
V
Power Dissipation
PD
180
mW
Operating Temperature
Topr
-30 ~ +100
ºC
Storage Temperature
Tstg
-40 ~ +125
ºC
Junction Temperature
Tj
125
ºC
Lead Soldering Temp*2
Tsol
260
ºC
*1: Tw=10μS, T=10mS
*2: Time 5 Sec max, Position: Up to 3mm from the body.
Dimensions (Unit:mm)


Similar Part No. - MTE108CL-J_2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE108CL-J MARKTECH-MTE108CL-J Datasheet
58Kb / 2P
   5mm Metal Can IR Emitter
More results

Similar Description - MTE108CL-J_2

ManufacturerPart #DatasheetDescription
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
   infrared emitting diode
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
   Infrared-Emitting Diode
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
   INFRARED EMITTING DIODE
logo
Micro Electronics
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
   INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
   INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
   INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
   INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
   INFRARED EMITTING DIODE
logo
Sharp Corporation
GL710 SHARP-GL710 Datasheet
36Kb / 2P
   Infrared Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
   INFRARED EMITTING DIODE
logo
Marktech Corporate
LS880PT MARKTECH-LS880PT Datasheet
140Kb / 1P
   Infrared Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com