Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C566C-BFN-CU0V0342 Datasheet(PDF) 4 Page - Cree, Inc

Part # C566C-BFN-CU0V0342
Description  5mm Oval LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-BFN-CU0V0342 Datasheet(HTML) 4 Page - Cree, Inc

  C566C-BFN-CU0V0342 Datasheet HTML 1Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 2Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 3Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 4Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 5Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 6Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 7Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 8Page - Cree, Inc C566C-BFN-CU0V0342 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Red
C566C-RFS-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
Yes
Red
C566C-RFS-CU0V0BB1
1520
3000
RB
619
RB
624
Bulk
Yes
Red
C566C-RFS-CV0W0BB1
2130
4180
RB
619
RB
624
Bulk
Yes
Red
C566C-RFN-CT0W0BB1
1100
4180
RB
619
RB
624
Bulk
No
Red
C566C-RFN-CU0V0BB1
1520
3000
RB
619
RB
624
Bulk
No
Red
C566C-RFN-CV0W0BB1
2130
4180
RB
619
RB
624
Bulk
No
Red
C566C-RFS-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
Yes
Red
C566C-RFS-CU0V0BB2
1520
3000
RB
619
RB
624
Ammo
Yes
Red
C566C-RFS-CV0W0BB2
2130
4180
RB
619
RB
624
Ammo
Yes
Red
C566C-RFN-CT0W0BB2
1100
4180
RB
619
RB
624
Ammo
No
Red
C566C-RFN-CU0V0BB2
1520
3000
RB
619
RB
624
Ammo
No
Red
C566C-RFN-CV0W0BB2
2130
4180
RB
619
RB
624
Ammo
No
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color Bin
Min. (nm)
Color Bin
Max. (nm)
Green
C566C-GFS-CV0Z0791
2130
12000
G7
520
G9
535
Bulk
Yes
Green
C566C-GFS-CV0Z0891
2130
12000
G8
525
G9
535
Bulk
Yes
Green
C566C-GFS-CW0X0781
3000
5860
G7
520
G8
530
Bulk
Yes
Green
C566C-GFS-CW0X0891
3000
5860
G8
525
G9
535
Bulk
Yes
Green
C566C-GFS-CX0Y0781
4180
8200
G7
520
G8
530
Bulk
Yes
Green
C566C-GFS-CX0Y0891
4180
8200
G8
525
G9
535
Bulk
Yes
Green
C566C-GFN-CV0Z0791
2130
12000
G7
520
G9
535
Bulk
No
Green
C566C-GFN-CV0Z0891
2130
12000
G8
525
G9
535
Bulk
No
Green
C566C-GFN-CW0X0781
3000
5860
G7
520
G8
530
Bulk
No
Green
C566C-GFN-CW0X0891
3000
5860
G8
525
G9
535
Bulk
No
Green
C566C-GFN-CX0Y0781
4180
8200
G7
520
G8
530
Bulk
No
Green
C566C-GFN-CX0Y0891
4180
8200
G8
525
G9
535
Bulk
No
Green
C566C-GFS-CV0Z0792
2130
12000
G7
520
G9
535
Ammo
Yes
Green
C566C-GFS-CV0Z0892
2130
12000
G8
525
G9
535
Ammo
Yes
Green
C566C-GFS-CW0X0782
3000
5860
G7
520
G8
530
Ammo
Yes
Green
C566C-GFS-CW0X0892
3000
5860
G8
525
G9
535
Ammo
Yes
Green
C566C-GFS-CX0Y0782
4180
8200
G7
520
G8
530
Ammo
Yes
Green
C566C-GFS-CX0Y0892
4180
8200
G8
525
G9
535
Ammo
Yes
Green
C566C-GFN-CV0Z0792
2130
12000
G7
520
G9
535
Ammo
No
Green
C566C-GFN-CV0Z0892
2130
12000
G8
525
G9
535
Ammo
No
Green
C566C-GFN-CW0X0782
3000
5860
G7
520
G8
530
Ammo
No
Green
C566C-GFN-CW0X0892
3000
5860
G8
525
G9
535
Ammo
No
Green
C566C-GFN-CX0Y0782
4180
8200
G7
520
G8
530
Ammo
No
Green
C566C-GFN-CX0Y0892
4180
8200
G8
525
G9
535
Ammo
No


Similar Part No. - C566C-BFN-CU0V0342

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C566C-BFN-CU0V0342 MARKTECH-C566C-BFN-CU0V0342 Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
More results

Similar Description - C566C-BFN-CU0V0342

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
   5mm Oval LED
logo
Marktech Corporate
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
   5mm Oval LED
C566C MARKTECH-C566C Datasheet
652Kb / 10P
   5mm Oval LED
C566C-RFS MARKTECH-C566C-RFS Datasheet
652Kb / 10P
   Cree짰 5mm Oval LED
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
   5mm Oval Green/Amber LED
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
   Oval Blue LED Lamp (5mm)
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
   Oval Orange LED Lamp (5mm)
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
   Oval Red LED Lamp (5mm)
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
   Oval Green LED Lamp (5mm)
logo
Inolux Corporation
HTOV511040XX INOLUX-HTOV511040XX Datasheet
596Kb / 10P
   5mm Oval Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com