Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27-21-Y2C-CPQB-3D Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 27-21-Y2C-CPQB-3D
Description  Chip LED with Right Angle Resin
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

27-21-Y2C-CPQB-3D Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 27-21-Y2C-CPQB-3D Datasheet HTML 2Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 3Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 4Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 5Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 6Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 7Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 8Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 9Page - Everlight Electronics Co., Ltd 27-21-Y2C-CPQB-3D Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2008-09-20 00:16:12.0
EVERLIGHT ELECTRONICS CO.,LTD.
27-21/Y2C-CPQB/3D
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 10 of 10
Device No:SZDSE-271-Y13
Prepared date: 24-Jun-2007
Prepared by: CaiXiangMei
4.Soldering Iron
Each terminal is to go to the tip of soldering iron temperature less than 350℃ for 3 seconds
within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do
soldering of each terminal. Be careful because the damage of the product is often started at the time of the
hand solder.
5.Repairing
Repair should not be done after the LEDs have been soldered. When repairing is unavoidable, a
double-head soldering iron should be used (as below figure). It should be confirmed beforehand whether
the characteristics of the LEDs will or will not be damaged by repairing.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - 27-21-Y2C-CPQB-3D

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
27-21-Y2C-CPQB-3D TO-GRACE-27-21-Y2C-CPQB-3D Datasheet
1,009Kb / 10P
   Chip LED with Right Angle Resin
More results

Similar Description - 27-21-Y2C-CPQB-3D

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
27-21-T3D-AP2Q2HY-3C EVERLIGHT-27-21-T3D-AP2Q2HY-3C Datasheet
245Kb / 12P
   Chip LED with Right Angle Resin
27-21-W1D-APQHY-3C EVERLIGHT-27-21-W1D-APQHY-3C Datasheet
234Kb / 12P
   Chip LED with Right Angle Resin
27-21-T1D-ANQHY-3C EVERLIGHT-27-21-T1D-ANQHY-3C Datasheet
155Kb / 12P
   Chip LED with Right Angle Resin
logo
HK TO-GRACE TECHNOLOGY ...
27-21-T1D-ANPHY-3C TO-GRACE-27-21-T1D-ANPHY-3C Datasheet
913Kb / 12P
   Chip LED with Right Angle Resin
logo
Everlight Electronics C...
27-21-T1D-ANPHY-3C EVERLIGHT-27-21-T1D-ANPHY-3C Datasheet
245Kb / 12P
   Chip LED with Right Angle Resin
logo
HK TO-GRACE TECHNOLOGY ...
27-21-T1D-CQ1R2NW-3C TO-GRACE-27-21-T1D-CQ1R2NW-3C Datasheet
1Mb / 12P
   Chip LED with Right Angle Resin
27-21-T3D-AP2Q2HY-3C TO-GRACE-27-21-T3D-AP2Q2HY-3C Datasheet
909Kb / 12P
   Chip LED with Right Angle Resin
27-21-W1D-APQHY-3C TO-GRACE-27-21-W1D-APQHY-3C Datasheet
902Kb / 12P
   Chip LED with Right Angle Resin
logo
Everlight Electronics C...
27-21-GHC-YR2T1 EVERLIGHT-27-21-GHC-YR2T1 Datasheet
152Kb / 10P
   Chip LED with Right Angle Resin
logo
HK TO-GRACE TECHNOLOGY ...
27-21-Y2C-CPQB-3D TO-GRACE-27-21-Y2C-CPQB-3D Datasheet
1,009Kb / 10P
   Chip LED with Right Angle Resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com