Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH40N60B2D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH40N60B2D1
Description  HiPerFAST IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60B2D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH40N60B2D1 Datasheet HTML 1Page - IXYS Corporation IXGH40N60B2D1 Datasheet HTML 2Page - IXYS Corporation IXGH40N60B2D1 Datasheet HTML 3Page - IXYS Corporation IXGH40N60B2D1 Datasheet HTML 4Page - IXYS Corporation IXGH40N60B2D1 Datasheet HTML 5Page - IXYS Corporation IXGH40N60B2D1 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 40N60B2D1
IXGT 40N60B2D1
IXYS MOSFETs and IGBTs are covered by one or more
of the following U.S. patents:
4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728B1 6,259,123B1 6,306,728B1
4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065B1 6,162,665
6,534,343
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= 30 A; V
CE = 10 V,
20
36
S
Pulse test, t
≤ 300 µs, duty cycle ≤ 2 %
C
ies
2560
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
210
pF
C
res
54
pF
Q
g
100
nC
Q
ge
I
C = 30 A, VGE = 15 V, VCE = 300 V
15
nC
Q
gc
36
nC
t
d(on)
18
ns
t
ri
20
ns
t
d(off)
130
200
ns
t
fi
82
150
ns
E
off
0.4
0.8 mJ
t
d(on)
18
ns
t
ri
20
ns
E
on
0.3
mJ
t
d(off)
240
ns
t
fi
150
ns
E
off
1.10
mJ
R
thJC
0.42 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 30 A, VGE = 15 V
V
CE = 400 V, RG = 3.3 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 30 A, VGE = 15 V
V
CE = 400 V, RG = 3.3 Ω
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-268 Outline
Min. Recommended Footprint
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F
= 30 A, V
GE = 0 V, Pulse test
T
J =150°C
1.6
V
t
≤ 300 µs, duty cycle d ≤ 2 %
2.5
V
I
RM
I
F
= 30 A, V
GE = 0 V, -diF/dt =100 A/µs, TJ = 100°C4
A
t
rr
V
R = 100 V
T
J = 100°C
100
ns
I
F
= 1 A; -di/dt = 100 A/
µs; V
R = 30 V
25
ns
R
thJC
0.9 K/W


Similar Part No. - IXGH40N60B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
More results

Similar Description - IXGH40N60B2D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
   HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
IXGK35N120C IXYS-IXGK35N120C Datasheet
128Kb / 2P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com