Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH40N60C2 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH40N60C2
Description  C2-Class High Speed IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH40N60C2 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH40N60C2 Datasheet HTML 1Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 2Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 3Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 4Page - IXYS Corporation IXGH40N60C2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH 40N60C2
IXGT 40N60C2
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= 30 A; V
CE = 10 V,
20
36
S
Pulse test, t
≤ 300 μs, duty cycle ≤ 2 %
C
ies
2500
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
180
pF
C
res
54
pF
Q
g
95
nC
Q
ge
I
C = 30 A, VGE = 15 V, VCE = 300 V
14
nC
Q
gc
36
nC
t
d(on)
18
n s
t
ri
20
n s
t
d(off)
90
140
n s
t
fi
32
n s
E
off
0.20
0.37 mJ
t
d(on)
18
n s
t
ri
20
n s
E
on
0.3
mJ
t
d(off)
130
n s
t
fi
80
240
n s
E
off
0.50
mJ
R
thJC
0.42 K/W
R
thCK
(TO-247)
0.25
K/W
Inductive load, T
J = 25°
°°°°C
I
C = 30 A, VGE = 15 V
V
CE = 400 V, RG = Roff = 3 Ω
Inductive load, T
J = 125°
°°°°C
I
C = 30 A, VGE = 15 V
V
CE = 400 V, RG = Roff = 3 Ω
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
∅P
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
∅ P
TO-268 Outline
Min. Recommended Footprint
(Dimensions in inches and mm)
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or more of the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6771478B2


Similar Part No. - IXGH40N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH40N60C2D1 IXYS-IXGH40N60C2D1 Datasheet
175Kb / 6P
   HiPerFASTTM IGBTs w/ Diode
More results

Similar Description - IXGH40N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
   HiPerFAST IGBTs C2-Class High Speed
IXGH60N60C2 IXYS-IXGH60N60C2 Datasheet
584Kb / 5P
   HiPerFASTTM IGBT C2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
   HiPerFAST IGBT C2- Class High Speed IGBTs
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
   HiPerFAST IGBTs C2-Class High Speed w/ Diode
IXGR40N60C2 IXYS-IXGR40N60C2 Datasheet
183Kb / 6P
   HiPerFASTTM IGBT ISOPLUS247TM C2-Class High Speed IGBTs
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
   HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGR40N60B2 IXYS-IXGR40N60B2 Datasheet
502Kb / 6P
   C2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
   HiPerFAST IGBTs B2-Class High Speed
IXGA16N60C2 IXYS-IXGA16N60C2 Datasheet
527Kb / 2P
   HiPerFASTTM IGBT C2-Class High Speed IGBT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com