Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2M134BDFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F2M134BDFP
Description  The R8C/M13B Group of single-chip microcontrollers
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M134BDFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F2M134BDFP Datasheet HTML 4Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 5Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 6Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 7Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 8Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 9Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 10Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 11Page - Renesas Technology Corp R5F2M134BDFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
R8C/M13B Group
1. Overview
R01DS0005EJ0100 Rev.1.00
Page 8 of 48
Mar 14, 2011
1.5
Pin Functions
Tables 1.5 and 1.6 list Pin Functions.
Note:
1. Contact the oscillator manufacturer for oscillation characteristics.
Table 1.5
Pin Functions (1)
Item
Pin Name
I/O
Description
Power supply input VCC, VSS
Apply 1.8 V through 5.5 V to the VCC pin.
Apply 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
Power supply input for the A/D converter.
Connect a capacitor between pins AVCC and AVSS.
Reset input
RESET
I
Applying a low level to this pin resets the MCU.
MODE
MODE
I
Connect this pin to the VCC pin via a resistor.
XIN clock input
XIN
I
I/O for the XIN clock generation circuit.
Connect a ceramic resonator or a crystal oscillator between
pins XIN and XOUT. (1)
To use an external clock, input it to the XIN pin. P4_5 can be
used as an I/O port at this time.
XIN clock output
XOUT
O
XCIN clock input
XCIN
I
I/O for the XCIN clock generation circuit.
Connect a crystal oscillator between pins XCIN and XCOUT. (1)
To use an external clock, input it to the XCIN pin. P4_7 can be
used as an I/O port at this time.
XCIN clock output
XCOUT
O
INT interrupt input
INT0 to INT3
I
INT interrupt input.
Key input interrupt
KI0 to KI3
I
Key input interrupt input.
I/O ports
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_2, P3_1,
P3_3 to P3_5, P3_7,
P4_2, P4_5 to P4_7,
PA_0
I/O
CMOS I/O ports.
Each port has an I/O select direction register, enabling
switching input and output for each port.
For input ports other than PA_0, the presence or absence of a
pull-up resistor can be selected by a program.
P1_2 to P1_5, P3_3 to P3_5, and P3_7 can be used as LED
drive ports.
Timer RJ2
TRJIO
I/O
Timer RJ2 I/O.
TRJO
O
Timer RJ2 output.
Timer RB2
TRBO
O
Timer RB2 output.
Timer RC
TRCCLK
I
External clock input.
TRCTRG
I
External trigger input.
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O.
Timer RK
TRKI
I
Timer RK external input.
TRKO
O
Timer RK output.
Timer RE2
TREO
O
Timer RE2 output.
Serial interface
CLK0, CLK1
I/O
Transfer clock I/O.
RXD0, RXD1
I
Serial data input.
TXD0, TXD1
O
Serial data output.
Synchronous serial
communication unit
(SSU)
SSI
I/O
Data I/O.
SCS
I/O
Chip-select signal I/O.
SSO
I/O
Data I/O.
SSCK
I/O
Clock I/O.
I2C bus interface
SDA
I/O
Data I/O.
SCL
I/O
Clock I/O.
IrDA Interface
IrRXD
I
Data input.
IrTXD
O
Data output.
A/D converter
AN0 to AN7
I
Analog input for the A/D converter.
ADTRG
I
External trigger input for the A/D converter.


Similar Part No. - R5F2M134BDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2M110ADSP RENESAS-R5F2M110ADSP Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M110ANDD RENESAS-R5F2M110ANDD Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M110ANSP RENESAS-R5F2M110ANSP Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M111ADSP RENESAS-R5F2M111ADSP Datasheet
624Kb / 48P
   RENESAS MCU
R5F2M111ANDD RENESAS-R5F2M111ANDD Datasheet
624Kb / 48P
   RENESAS MCU
More results

Similar Description - R5F2M134BDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
   R8C/20 Group, R8C/21 Group RENESAS MCU
R8C-24 RENESAS-R8C-24_1 Datasheet
5Mb / 525P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R8C-26 RENESAS-R8C-26_1 Datasheet
4Mb / 485P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R8C-28 RENESAS-R8C-28_1 Datasheet
4Mb / 471P
   16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com