Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGT50N90B2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGT50N90B2
Description  HiPerFAST IGBT B2-Class High Speed IGBTs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGT50N90B2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGT50N90B2 Datasheet HTML 1Page - IXYS Corporation IXGT50N90B2 Datasheet HTML 2Page - IXYS Corporation IXGT50N90B2 Datasheet HTML 3Page - IXYS Corporation IXGT50N90B2 Datasheet HTML 4Page - IXYS Corporation IXGT50N90B2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2004 IXYS All rights reserved
V
CES
= 900 V
I
C25
=
75 A
V
CE(sat)
=
2.7 V
t
fi
typ
= 200 ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
GE(th)
I
C = 250 µA, VCE = VGE
3.0
5.0
V
I
CES
V
CE = VCES
T
J = 25°C50
µA
V
GE = 0 V
T
J = 150°C1
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C = IC110, VGE = 15 V
2.2
2.7
V
T
J = 125°CV
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
900
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
900
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C (limited by leads)
75
A
I
C110
T
C = 110°C50
A
I
CM
T
C = 25°C, 1 ms
200
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 Ω
I
CM = 100
A
(RBSOA)
Clamped inductive load @
600V
P
C
T
C = 25°C
400
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque (TO-247)
1.13/10Nm/lb.in.
Weight
TO-247 AD
6
g
TO-268
4
g
DS99377(04/05)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
Features
High frequency IGBT
High current handling capability
MOS Gate turn-on
- drive simplicity
Applications
PFC circuits
Uninterruptible power supplies (UPS)
Switched-mode and resonant-mode
power supplies
AC motor speed control
DC servo and robot drives
DC choppers
Advantages
High power density
Very fast switching speeds for high
frequency applications
HiPerFASTTM IGBT
IXGH 50N90B2
IXGT 50N90B2
TO-268
(IXGT)
C (TAB)
C (TAB)
G
C
E
TO-247
(IXGH)
E
G
B2-Class High Speed IGBTs
Advance Technical Information


Similar Part No. - IXGT50N90B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGT50N60B IXYS-IXGT50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGT50N60B2 IXYS-IXGT50N60B2 Datasheet
585Kb / 5P
   HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGT50N60C2 IXYS-IXGT50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
More results

Similar Description - IXGT50N90B2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N90B2 IXYS-IXGH32N90B2 Datasheet
207Kb / 7P
   HiPerFAST IGBT B2-Class High Speed IGBTs
IXGA16N60B2 IXYS-IXGA16N60B2 Datasheet
229Kb / 6P
   HiPerFAST IGBTs B2-Class High Speed
IXGA16N60B2D1 IXYS-IXGA16N60B2D1 Datasheet
222Kb / 7P
   HiPerFAST IGBTs B2-Class High Speed w/ Diode
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
   HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
IXGP30N60C2 IXYS-IXGP30N60C2 Datasheet
555Kb / 5P
   HiPerFAST IGBT C2- Class High Speed IGBTs
IXGR50N60C2D1 IXYS-IXGR50N60C2D1 Datasheet
511Kb / 6P
   HiPerFAST IGBT with Diode C2-Class High Speed IGBTs
IXGA16N60C2 IXYS-IXGA16N60C2_10 Datasheet
205Kb / 6P
   HiPerFAST IGBTs C2-Class High Speed
99161 IXYS-99161 Datasheet
514Kb / 6P
   B2-Class High Speed IGBTs (Electrically Isolated Back Surface)
IXGA16N60C2D1 IXYS-IXGA16N60C2D1 Datasheet
224Kb / 7P
   HiPerFAST IGBTs C2-Class High Speed w/ Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com