Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH72N60B3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH72N60B3
Description  GenX3 B3-Class IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH72N60B3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH72N60B3 Datasheet HTML 1Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 2Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 3Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 4Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 5Page - IXYS Corporation IXGH72N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
μA, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
75
μA
T
J = 125°C
750
μA
I
GES
V
CE = 0V, VGE = ±20V
±100
nA
V
CE(sat)
I
C
= 60A, V
GE = 15V, Note 1
1.51
1.80
V
T
J = 125°C
1.48
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
600
V
V
CGR
T
J
= 25
°C to 150°C, R
GE = 1MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C
= 25
°C (Limited by Leads)
75
A
I
C110
T
C
= 110
°C72
A
I
CM
T
C
= 25
°C, 1ms
400
A
I
A
T
C
= 25
°C20
A
E
AS
T
C
= 25
°C
200
mJ
SSOA
V
GE = 15V, TVJ = 125°C, RG = 3Ω
I
CM = 240
A
(RBSOA)
Clamped Inductive Load
@ V
CE ≤ 600
V
P
C
T
C
= 25
°C
540
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
M
d
Mounting Torque (TO-247)
1.13 / 10
Nm/lb.in.
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10 seconds
260
°C
Weight
TO-247
6
g
TO-268
5
g
DS99847A(02/09)
V
CES
= 600V
I
C110
= 72A
V
CE(sat)
≤≤≤≤≤£ 1.80V
t
fi(typ)
= 90ns
GenX3TM B3-Class
IGBTs
Medium Speed low Vsat PT
IGBTs 5-40 kHz Switching
IXGH72N60B3
IXGT72N60B3
TO-247 AD (IXGH)
G
C
E
G = Gate
C
= Collector
E = Emitter
TAB = Collector
(TAB)
TO-268 (IXGT)
G
E
(TAB)
Features
Optimized for Low Conduction and
Switching Losses
Square RBSOA
Avalanche Rated
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts


Similar Part No. - IXGH72N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH72N60B3 IXYS-IXGH72N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGH72N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK120N60A3 IXYS-IXGK120N60A3 Datasheet
219Kb / 6P
   GenX3 A3-Class IGBTS
IXGK120N120A3 IXYS-IXGK120N120A3 Datasheet
222Kb / 6P
   GenX3 A3-Class IGBTs
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
   GenX3 1200V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com