Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGH100N30C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH100N30C3
Description  GenX3 300V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH100N30C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH100N30C3 Datasheet HTML 1Page - IXYS Corporation IXGH100N30C3 Datasheet HTML 2Page - IXYS Corporation IXGH100N30C3 Datasheet HTML 3Page - IXYS Corporation IXGH100N30C3 Datasheet HTML 4Page - IXYS Corporation IXGH100N30C3 Datasheet HTML 5Page - IXYS Corporation IXGH100N30C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2007 IXYS CORPORATION, All rights reserved
GenX3TM 300V IGBT
IXGH100N30C3
(TAB)
High Speed PT IGBTs for
50-150kHz switching
Preliminary Technical Information
V
CES
= 300V
I
C110
= 100A
V
CE(sat)
≤≤≤≤≤ 1.85V
t
fi typ
= 94ns
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
µA, V
GE = 0V
300
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.0
V
I
CES
V
CE
= V
CES
50
µA
V
GE = 0V
T
J = 125°C
1.0
mA
I
GES
V
CE
= 0V, V
GE = ± 20V
±100
nA
V
CE(sat)
I
C
= 100A, V
GE = 15V
1.53
1.85
V
T
J = 125°C
1.59
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
300
V
V
CGR
T
J
= 25
°C to 150°C, R
GE = 1MΩ
300
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C (limited by leads)
75
A
I
C110
T
C = 110°C (chip capability)
100
A
I
CM
T
C = 25°C, 1ms
500
A
I
A
T
C = 25°C
100
A
E
AS
T
C = 25°C
500
mJ
SSOA
V
GE = 15V, TVJ = 125°C, RG = 2Ω
I
CM = 200
A
(RBSOA)
Clamped inductive load @
300V
P
C
T
C = 25°C
460
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum lead temperature for soldering
300
°C
T
SOLD
1.6mm (0.062 in.) from case for 10s
260
°C
M
d
Mounting torque
1.13/10
Nm/lb.in.
Weight
6g
DS99877A(01/08)
G
C
E
TO-247 (IXGH)
G = Gate
C = Collector
E = Emitter
TAB = Collector
Features
High Frequency IGBT
Square RBSOA
High avalanche capability
Drive simplicity with MOS Gate
Turn-On
High current handling capability
Applications
PFC Circuits
PDP Systems
Switched-mode and resonant-mode
converters and inverters
SMPS
AC motor speed control
DC servo and robot drives
DC choppers


Similar Part No. - IXGH100N30C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH100N30B3 IXYS-IXGH100N30B3 Datasheet
163Kb / 5P
   GenX3 300V IGBT
More results

Similar Description - IXGH100N30C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH120N30B3 IXYS-IXGH120N30B3 Datasheet
168Kb / 5P
   GenX3 300V IGBT
IXGH60N30C3 IXYS-IXGH60N30C3 Datasheet
47Kb / 2P
   GenX3 300V IGBT
IXGH120N30C3 IXYS-IXGH120N30C3 Datasheet
123Kb / 6P
   GenX3 300V IGBT
IXGH85N30C3 IXYS-IXGH85N30C3 Datasheet
112Kb / 6P
   GenX3 300V IGBT
IXGH100N30B3 IXYS-IXGH100N30B3 Datasheet
163Kb / 5P
   GenX3 300V IGBT
IXGA42N30C3 IXYS-IXGA42N30C3 Datasheet
181Kb / 6P
   GenX3 300V IGBT
IXGK400N30A3 IXYS-IXGK400N30A3 Datasheet
206Kb / 5P
   GenX3 300V IGBTs
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
   GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com