Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGK64N60B3D1 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGK64N60B3D1
Description  GenX3 600V IGBT with Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGK64N60B3D1 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGK64N60B3D1 Datasheet HTML 1Page - IXYS Corporation IXGK64N60B3D1 Datasheet HTML 2Page - IXYS Corporation IXGK64N60B3D1 Datasheet HTML 3Page - IXYS Corporation IXGK64N60B3D1 Datasheet HTML 4Page - IXYS Corporation IXGK64N60B3D1 Datasheet HTML 5Page - IXYS Corporation IXGK64N60B3D1 Datasheet HTML 6Page - IXYS Corporation IXGK64N60B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2008 IXYS CORPORATION, All rights reserved
IXGK64N60B3D1
IXGX64N60B3D1
Fig. 1. Output Characteristics
@ 25ºC
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
VCE - Volts
VGE = 15V
11V
9V
5V
7V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
50
100
150
200
250
300
01
2
3456
VCE - Volts
VGE = 15V
13V
11V
7V
9V
Fig. 3. Output Characteristics
@ 125ºC
0
10
20
30
40
50
60
70
80
90
100
0.00.2
0.40.6
0.81.0
1.21.4
1.61.8
2.02.2
VCE - Volts
VGE = 15V
11V
7V
5V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 100A
I C = 50A
I C = 25A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
5
6
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 100A
50A
25A
TJ = 25ºC
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
160
180
200
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC


Similar Part No. - IXGK64N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK64N60B3D1 IXYS-IXGK64N60B3D1 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGK64N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH48N60C3D1 IXYS-IXGH48N60C3D1 Datasheet
209Kb / 7P
   GenX3 600V IGBT with Diode
IXGA30N60C3D4 IXYS-IXGA30N60C3D4 Datasheet
294Kb / 7P
   GenX3 600V IGBT With Diode
IXGH48N60B3D1 IXYS-IXGH48N60B3D1 Datasheet
208Kb / 7P
   GenX3 600V IGBT with Diode
IXGH36N60A3D4 IXYS-IXGH36N60A3D4 Datasheet
204Kb / 7P
   GenX3 600V IGBT with Diode
IXGH48N60A3D1 IXYS-IXGH48N60A3D1 Datasheet
169Kb / 7P
   GenX3 600V IGBT with Diode
IXGH30N60C3D1 IXYS-IXGH30N60C3D1 Datasheet
215Kb / 7P
   GenX3 600V IGBT with Diode
IXGK72N60B3H1 IXYS-IXGK72N60B3H1 Datasheet
229Kb / 7P
   GenX3 600V IGBT with Diode
IXGH36N60B3D1 IXYS-IXGH36N60B3D1 Datasheet
180Kb / 7P
   GenX3 600V IGBT w/ Diode
IXGK72N60A3H1 IXYS-IXGK72N60A3H1 Datasheet
235Kb / 7P
   GenX3 600V IGBT w/Diode
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
   GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com