Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGX82N120B3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGX82N120B3
Description  GenX3 1200V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX82N120B3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGX82N120B3 Datasheet HTML 1Page - IXYS Corporation IXGX82N120B3 Datasheet HTML 2Page - IXYS Corporation IXGX82N120B3 Datasheet HTML 3Page - IXYS Corporation IXGX82N120B3 Datasheet HTML 4Page - IXYS Corporation IXGX82N120B3 Datasheet HTML 5Page - IXYS Corporation IXGX82N120B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
1200
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
1200
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C ( Chip Capability )
230
A
I
C110
T
C = 110°C
82
A
I
LRMS
T
C = 25°C ( Lead RMS Limit )
120
A
I
CM
T
C = 25°C, 1ms
500
A
I
A
T
C = 25°C
41
A
E
AS
T
C = 25°C
750
mJ
SSOA
V
GE = 15V, TVJ = 125°C, RG = 2Ω
I
CM = 164
A
(RBSOA)
Clamped Inductive Load
V
CE < VCES
P
C
T
C = 25°C
1250
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062 in.) from Case for 10
260
°C
M
d
Mounting Torque ( IXGK )
1.13/10
Nm/lb.in.
F
C
Mounting Force ( IXGX )
20..120/4.5..14.6
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250μA, V
CE = 0V
1200
V
V
GE(th)
I
C
= 1mA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
50 μA
T
J = 125°C, Note 1
5 mA
I
GES
V
CE = 0V, VGE = ± 20V
±100 nA
V
CE(sat)
I
C
= I
C110, VGE = 15V, Note 2
2.70
3.20
V
T
J = 125°C
2.64
V
DS100155(05/09)
GenX3TM 1200V
IGBTs
IXGK82N120B3
IXGX82N120B3
V
CES
= 1200V
I
C110
= 82A
V
CE(sat)
≤≤≤≤ 3.20V
High-Speed Low-Vsat PT IGBTs
for 3 - 20 kHz Switching
G = Gate
E
= Emitter
C = Collector
TAB = Collector
(TAB)
TO-264 (IXGK)
E
G
C
E
PLUS247TM (IXGX)
G
C
(TAB)
E
Advance Technical Information
Features
Optimized for Low Conduction and
Switching Losses
Square RBSOA
High Avalanche Capability
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
SMPS
PFC Circuits
Welding Machines
Lamp Ballasts


Similar Part No. - IXGX82N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX82N120A3 IXYS-IXGX82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
More results

Similar Description - IXGX82N120B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXYK100N120C3 IXYS-IXYK100N120C3 Datasheet
208Kb / 6P
   1200V XPTTM IGBTs GenX3
IXGK50N120C3H1 IXYS-IXGK50N120C3H1 Datasheet
224Kb / 6P
   GenX3 1200V IGBTs w/ Diode
IXGK55N120A3H1 IXYS-IXGK55N120A3H1 Datasheet
128Kb / 2P
   GenX3 1200V IGBTs w/ Diode
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com