Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-030 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # STK401-030
Description  AF Power Amplifier (Split Power Supply) (35 W 35 W 35 W min, THD = 0.4%)?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-030 Datasheet(HTML) 8 Page - Sanyo Semicon Device

  STK401-030 Datasheet HTML 1Page - Sanyo Semicon Device STK401-030 Datasheet HTML 2Page - Sanyo Semicon Device STK401-030 Datasheet HTML 3Page - Sanyo Semicon Device STK401-030 Datasheet HTML 4Page - Sanyo Semicon Device STK401-030 Datasheet HTML 5Page - Sanyo Semicon Device STK401-030 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 6 page
//htmlimg2.alldatasheet.net/htmldatasheet2/41531/SANYO/STK401-030/1067/8/STK401-030.png


Similar Part No. - STK401-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-030 SANYO-STK401-030 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-030 SANYO-STK401-030 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-030 SANYO-STK401-030 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-030 SANYO-STK401-030 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-030 SANYO-STK401-030 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
More results

Similar Description - STK401-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
STK401-090 SANYO-STK401-090 Datasheet
516Kb / 9P
   AF Power Amplifier (Split Power Supply) (50 W 50 W min, THD = 0.4%)
STK401-120 SANYO-STK401-120 Datasheet
245Kb / 8P
   AF Power Amplifier (Split Power Supply) (80 W 80 W min, THD = 0.4%)?
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK401-080 SANYO-STK401-080 Datasheet
256Kb / 9P
   AF Power Amplifier (Split Power Supply) (45 W 45 W min, THD = 0.4%)???
STK401-110 SANYO-STK401-110 Datasheet
243Kb / 8P
   AF Power Amplifier (Split Power Supply) (70 W 70 W min, THD = 0.4%)?
STK401-020 SANYO-STK401-020 Datasheet
464Kb / 9P
   AF Power Amplifier (Split Power Supply) (15 W 15 W min, THD = 0.4%)
STK401-030 SANYO-STK401-030 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK401-050 SANYO-STK401-050 Datasheet
528Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W min, THD = 0.4%)
STK400-050 SANYO-STK400-050 Datasheet
532Kb / 9P
   AF Power Amplifier (Split Power Supply) (30 W 30 W 30 W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com