Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-040 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK401-040
Description  AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-040 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  STK401-040 Datasheet HTML 1Page - Sanyo Semicon Device STK401-040 Datasheet HTML 2Page - Sanyo Semicon Device STK401-040 Datasheet HTML 3Page - Sanyo Semicon Device STK401-040 Datasheet HTML 4Page - Sanyo Semicon Device STK401-040 Datasheet HTML 5Page - Sanyo Semicon Device STK401-040 Datasheet HTML 6Page - Sanyo Semicon Device STK401-040 Datasheet HTML 7Page - Sanyo Semicon Device STK401-040 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STK401-060
No. 4680—6/8
External Circuit Diagram
Heatsink Design Considerations
The heatsink thermal resistance,
θc-a, required to dissipate
the STK401-060 device total power dissipation, Pd, is
determined as follows:
Condition 1: IC substrate temperature not to exceed
125
°C.
Pd
× θc-a + Ta < 125°C ........................................ (1)
where Ta is the guaranteed maximum ambient tempera-
ture.
Condition 2: Power transistor junction temperature, Tj, not
to exceed 150
°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C ................. (2)
where N is the number of power transistors and
θj-c is the
power transistor thermal resistance per transistor. Note
that the power dissipated per transistor is the total, Pd,
divided evenly among the N power transistors.
Expressions (1) and (2) can be rewritten making
θc-a the
subject.
θc-a < (125 − Ta)/Pd............................................. (1)′
θc-a < (150 − Ta)/Pd − θj-c/N .............................. (2)′
The heatsink required must have a thermal resistance that
simultaneously satisfies both expressions.
The heatsink thermal resistance can be determined from
(1)
′ and (2)′ once the following parameters have been
defined.
• Supply voltage, VCC
• Load resistance, RL
• Guaranteed maximum ambient temperature, Ta
The total device power dissipation when STK401-060
VCC = ±28V and RL = 6Ω, for a continuous sine wave sig-
nal, is a maximum of 54W, as shown in Figure 1.
When estimating the power dissipation for an actual audio
signal input, the rule of thumb is to select Pd correspond-
ing to 1/10 PO max (within safe limits) for a continuous
sine wave input. For example, from Figure 1,
Pd = 32.4W (for 1/10 PO max = 3.5W)
The STK401-060 has 4 power transistors, and the thermal
resistance per transistor,
θj-c, is 1.8°C/W. If the guaran-
teed maximum ambient temperature, Ta, is 50
°C, then the
required heatsink thermal resistance,
θc-a, is:
From expression (1)
′: θc-a < (125 − 50)/32.4
< 2.31
From expression (2)
′: θc-a < (150 − 50)/32.4 − 1.8/4
< 2.63
Therefore, to satisfy both expressions, the required heat-
sink must have a thermal resistance less than 2.31
°C/W.


Similar Part No. - STK401-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-040 SANYO-STK401-040 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-040 SANYO-STK401-040 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK401-040 SANYO-STK401-040 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-040 SANYO-STK401-040 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-040 SANYO-STK401-040 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results

Similar Description - STK401-040

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
   AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com