Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK402-020 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK402-020
Description  Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-020 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK402-020 Datasheet HTML 1Page - Sanyo Semicon Device STK402-020 Datasheet HTML 2Page - Sanyo Semicon Device STK402-020 Datasheet HTML 3Page - Sanyo Semicon Device STK402-020 Datasheet HTML 4Page - Sanyo Semicon Device STK402-020 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
No. 7061-2/5
STK402-030
Item
Type No.
STK402-020
STK402-030
STK402-040
STK402-050
STK402-070
STK402-090
STK402-100
STK402-120
Output 1 (10%/1 kHz)
20 W + 20 W
30 W + 30 W 40 W + 40 W
45 W +45 W
60 W + 60 W
80 W + 80 W 100 W + 100 W 120 W + 120 W
Output 2 (0.4%/20 Hz to 20 kHz) 15 W + 15 W
20 W + 20 W 25 W + 25 W
30 W + 30 W
40 W + 40 W
50 W + 50 W
60 W + 60 W
80 W + 80 W
Maximum supply voltage
±30 V
±34 V
±38 V
±40 V
±50 V
±54 V
±57 V
±65 V
(No signal)
Maximum supply voltage
±28 V
±32 V
±36 V
±38 V
±44 V
±47 V
±50 V
±57 V
(6
Ω)
Recommended supply voltage
±19 V
±22 V
±25 V
±26.5 V
±30 V
±32 V
±35 V
±39 V
(6
Ω)
Package
46.6 mm
× 25.5 mm × 8.5 mm
59.2 mm
× 31.0 mm × 8.5 mm
Series Organization
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage (No signal)
VCC max(0)
±34
V
Maximum supply voltage
VCC max(1) RL = 6 Ω
±32
V
Thermal resistance
θj-c
Per power transistor
3.6
°C/W
Junction temperature
Tj max
Both the Tj max and the Tc max conditions must be met.
150
°C
Operating IC substrate temperature
Tc max
125
°C
Storage temperature
Tstg
–30 to +125
°C
Allowable load shorted time *2
ts
VCC = ±22.0 V, RL = 6 Ω, f = 50 Hz, PO = 20 W
0.5
s
Specifications
Maximum Ratings at Ta = 25°C
These products are organized as a series based on their output capacity.
Parameter
Symbol
Conditions*1
Ratings
Unit
VCC (V)
f (Hz)
PO (W)
THD (%)
min
typ
max
Output power
PO (1)
±22.0
20 to 20 k
0.4
18
20
W
PO (2)
±22.0
1 k
10
30
Total harmonic distortion
THD (1)
±22.0
20 to 20 k
1.0
0.4
%
THD (2)
±22.0
1 k
5.0
0.01
Frequency characteristics
fL, fH
±22.0
1.0
+0 –3 dB
20 to 50 k
Hz
Input impedance
ri
±22.0
1 k
1.0
55
k
Output noise voltage *3
VNO
±27.0
Rg = 2.2 k
1.2
mVrms
Quiescent current
ICCO
±27.0
20
50
80
mA
Neutral voltage
VN
±27.0
–70
0
+70
mV
Operating Characteristics at Tc = 25°C, RL = 6 Ω (noninductive load), Rg = 600 Ω, VG = 30 dB
Notes: 1. Unless otherwise noted, use a constant-voltage supply for the power supply used during inspection.
2. Use the transformer power supply circuit stipulated in the figure below for allowable load shorted time measurement and output noise voltage
measurement.
DBA40C
4700
µF
4700
µF
500
500
+VCC
--VCC
Stipulated Transformer Power Supply (RP-22 equivalent)
3. The output noise voltage values shown are peak values read with a VTVM. However, an AC stabilized (50 Hz) power supply should be used to
minimize the influence of AC primary side flicker noise on the reading.


Similar Part No. - STK402-020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-020 SANYO-STK402-020 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK402-020 SANYO-STK402-020 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
More results

Similar Description - STK402-020

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
STK403-430 SANYO-STK403-430 Datasheet
135Kb / 8P
   Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Eutech Microelectronics...
EUA2123 EUTECH-EUA2123 Datasheet
167Kb / 1P
   20-W Stereo Class-D Audio Power Amplifier
logo
NEC
UPC1188H NEC-UPC1188H Datasheet
188Kb / 3P
   20 W AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3100D2-Q1 TI1-TPA3100D2-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2-Q1 TI-TPA3100D2-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3001D1 TI-TPA3001D1 Datasheet
381Kb / 26P
[Old version datasheet]   20 W MONO CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com