Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGK120N60C2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXGK120N60C2
Description  HiPerFAST IGBT Lightspeed 2 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGK120N60C2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXGK120N60C2 Datasheet HTML 1Page - IXYS Corporation IXGK120N60C2 Datasheet HTML 2Page - IXYS Corporation IXGK120N60C2 Datasheet HTML 3Page - IXYS Corporation IXGK120N60C2 Datasheet HTML 4Page - IXYS Corporation IXGK120N60C2 Datasheet HTML 5Page - IXYS Corporation IXGK120N60C2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2007 IXYS CORPORATION,All rights reserved
IXGK120N60C2
IXGX120N60C2
Fig. 1. Output Characteristics
@ 25ºC
0
20
40
60
80
100
120
140
160
180
200
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
VCE - Volts
VGE = 15V
13V
11V
7V
9V
8V
Fig. 2. Extended Output Characteristics
@ 25ºC
0
50
100
150
200
250
300
350
01
23
45
678
9
10
VCE - Volts
VGE = 15V
13V
11V
7V
8V
9V
Fig. 3. Output Characteristics
@ 125ºC
0
20
40
60
80
100
120
140
160
180
200
0.0 0.2
0.4 0.6
0.8 1.0
1.2 1.4
1.6 1.8
2.0 2.2
2.4 2.6
VCE - Volts
VGE = 15V
13V
11V
8V
7V
9V
Fig. 4. Dependence of VCE(sat) on
Junction Temperature
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGE = 15V
I C = 200A
I C = 50A
I C = 100A
Fig. 5. Collector-to-Emitter Voltage
vs. Gate-to-Emitter Voltage
1.5
2.0
2.5
3.0
3.5
4.0
4.5
7
8
9
10
11
12
13
14
15
VGE - Volts
I C = 200A
TJ = 25ºC
100A
50A
Fig. 6. Input Admittance
0
20
40
60
80
100
120
140
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
VGE - Volts
TJ = 125ºC
25ºC
- 40ºC


Similar Part No. - IXGK120N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK120N60A3 IXYS-IXGK120N60A3 Datasheet
219Kb / 6P
   GenX3 A3-Class IGBTS
IXGK120N60A3 IXYS-IXGK120N60A3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGK120N60B IXYS-IXGK120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
202Kb / 6P
   GenX3 600V IGBTs
IXGK120N60B3 IXYS-IXGK120N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGK120N60C2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH12N90C IXYS-IXGH12N90C_03 Datasheet
148Kb / 4P
   HiPerFAST IGBT Lightspeed Series
IXGA24N60C IXYS-IXGA24N60C Datasheet
100Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH12N90C IXYS-IXGH12N90C Datasheet
37Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH32N60C IXYS-IXGH32N60C Datasheet
117Kb / 4P
   HiPerFAST IGBT Lightspeed Series
IXGH24N60C IXYS-IXGH24N60C Datasheet
56Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGA12N60CD1 IXYS-IXGA12N60CD1 Datasheet
74Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGA7N60C IXYS-IXGA7N60C Datasheet
79Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH40N60C IXYS-IXGH40N60C Datasheet
129Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH12N60C IXYS-IXGH12N60C Datasheet
59Kb / 2P
   HiPerFAST IGBT Lightspeed Series
IXGH24N60CD1 IXYS-IXGH24N60CD1 Datasheet
103Kb / 5P
   HiPerFAST IGBT with Diode Lightspeed Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com