Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXGX120N60B3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGX120N60B3
Description  GenX3 600V IGBTs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGX120N60B3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGX120N60B3 Datasheet HTML 1Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 2Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 3Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 4Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 5Page - IXYS Corporation IXGX120N60B3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
GenX3TM 600V
IGBTs
DS99993A(09/10)
V
CES
= 600V
I
C110
= 120A
V
CE(sat)
≤≤≤≤≤£ 1.8V
t
fi(typ)
= 145ns
Medium-Speed-Low-Vsat PT
IGBTs for 5-40kHz Switching
IXGK120N60B3
IXGX120N60B3
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250μA, V
GE= 0V
600
V
V
GE(th)
I
C
= 500μA, V
CE = VGE
3.0
5.0
V
I
CES
V
CE = VCES, VGE = 0V
50
μA
T
J = 125°C
3 mA
I
GES
V
CE = 0V, VGE = ±20V
±100
nA
V
CE(sat)
I
C
= 100A, V
GE = 15V, Note 1
1.5
1.8
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C (Chip Capability)
280
A
I
C110
T
C = 110°C
120
A
I
LRMS
Terminal Current Limit
160
A
I
CM
T
C = 25°C, 1ms
600
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 2Ω
I
CM = 300
A
(RBSOA)
Clamped Inductive Load
V
CE
≤≤≤≤ V
CES
P
C
T
C = 25°C
780
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062 in.) from Case for 10
260
°C
M
d
Mounting Torque (IXGK)
1.13/10
Nm/lb.in.
F
C
Mounting Force (IXGX)
20..120/4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
Features
Optimized for Low Conduction and
Switching Losses
Square RBSOA
High Current Handling Capability
International Standard Packages
Advantages
High Power Density
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
G = Gate
E
= Emitter
C = Collector
Tab = Collector
PLUS247TM (IXGX)
Tab
G
C
E
TO-264 (IXGK)
E
G
C
Tab


Similar Part No. - IXGX120N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX120N60B3 IXYS-IXGX120N60B3 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
More results

Similar Description - IXGX120N60B3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGK320N60B3 IXYS-IXGK320N60B3 Datasheet
201Kb / 6P
   GenX3 600V IGBTs
IXGH60N60C3D1 IXYS-IXGH60N60C3D1 Datasheet
243Kb / 7P
   GenX3 600V IGBTs with Diode
IXGP36N60A3 IXYS-IXGP36N60A3_09 Datasheet
839Kb / 4P
   600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGA20N120A3 IXYS-IXGA20N120A3 Datasheet
241Kb / 6P
   GenX3 1200V IGBTs
IXGA30N120B3 IXYS-IXGA30N120B3 Datasheet
217Kb / 6P
   GenX3 1200V IGBTs
IXGK120N120B3 IXYS-IXGK120N120B3 Datasheet
129Kb / 2P
   GenX3 1200V IGBTs
IXGA12N120A3 IXYS-IXGA12N120A3 Datasheet
207Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120A3 IXYS-IXGK82N120A3 Datasheet
187Kb / 5P
   GenX3 1200V IGBTs
IXGK82N120B3 IXYS-IXGK82N120B3 Datasheet
225Kb / 6P
   GenX3 1200V IGBTs
IXGK400N30A3 IXYS-IXGK400N30A3 Datasheet
206Kb / 5P
   GenX3 300V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com