Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48-213-T3D-AP1Q2TY-3C Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # 48-213-T3D-AP1Q2TY-3C
Description  White Chip LED With Right Angle Lens
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

48-213-T3D-AP1Q2TY-3C Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button 48-213-T3D-AP1Q2TY-3C Datasheet HTML 4Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 5Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 6Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 7Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 8Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 9Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 10Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 11Page - Everlight Electronics Co., Ltd 48-213-T3D-AP1Q2TY-3C Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LifecyclePhase:
Revision
: 3
Expired Period: Forever
Release Date:2008-09-20 00:15:56.0
EVERLIGHT ELECTRONICS CO.,LTD.
48-213/T3D-AP1Q2TY/3C
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 3
Page: 8 of 12
Device No. : DSE-483-W01
Prepared date: 17-Sep-2008
Prepared by: Esther Yan
Label explanation
CAT: Luminous Intensity Rank
HUE: Chromaticity Coordinates
REF: Forward Voltage Rank
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm , Unit = mm


Similar Part No. - 48-213-T3D-AP1Q2TY-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
48-213-T3D-AP1Q2TY-3C EVERLIGHT-48-213-T3D-AP1Q2TY-3C Datasheet
148Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T3D-AP1Q2TY-3C TO-GRACE-48-213-T3D-AP1Q2TY-3C Datasheet
790Kb / 12P
   White Chip LED With Right Angle Lens
logo
Everlight Electronics C...
48-213-T3D-AP1Q2TY-3C EVERLIGHT-48-213-T3D-AP1Q2TY-3C_11 Datasheet
148Kb / 12P
   White Chip LED With Right Angle Lens
More results

Similar Description - 48-213-T3D-AP1Q2TY-3C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T7D-BQ1R2QY EVERLIGHT-T7D-BQ1R2QY Datasheet
155Kb / 12P
   White Chip LED With Right Angle Lens
12-215-W1D-ANPHY-3C EVERLIGHT-12-215-W1D-ANPHY-3C Datasheet
173Kb / 11P
   White Chip LED With Right Angle Lens
48-213-T2D-AQ2R2QY-3C EVERLIGHT-48-213-T2D-AQ2R2QY-3C Datasheet
190Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T2D-AQ2R2QY-3C EVERLIGHT-48-213-T2D-AQ2R2QY-3C_11 Datasheet
147Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T3D-AP1Q2TY-3C TO-GRACE-48-213-T3D-AP1Q2TY-3C Datasheet
790Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T7D-AQ1R2QY-3C TO-GRACE-48-213-T7D-AQ1R2QY-3C Datasheet
788Kb / 12P
   White Chip LED With Right Angle Lens
logo
Everlight Electronics C...
48-213-T3D-AP1Q2TY-3C EVERLIGHT-48-213-T3D-AP1Q2TY-3C_11 Datasheet
148Kb / 12P
   White Chip LED With Right Angle Lens
W1D-ANPHY EVERLIGHT-W1D-ANPHY Datasheet
155Kb / 12P
   White Chip LED With Right Angle Lens
48-213-T7D-AQ1R2QY-3C EVERLIGHT-48-213-T7D-AQ1R2QY-3C Datasheet
190Kb / 12P
   White Chip LED With Right Angle Lens
logo
HK TO-GRACE TECHNOLOGY ...
48-213-T2D-AQ2R2QY-3C TO-GRACE-48-213-T2D-AQ2R2QY-3C Datasheet
788Kb / 12P
   White Chip LED With Right Angle Lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com