Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK401-050 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK401-050
Description  AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK401-050 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK401-050 Datasheet HTML 1Page - Sanyo Semicon Device STK401-050 Datasheet HTML 2Page - Sanyo Semicon Device STK401-050 Datasheet HTML 3Page - Sanyo Semicon Device STK401-050 Datasheet HTML 4Page - Sanyo Semicon Device STK401-050 Datasheet HTML 5Page - Sanyo Semicon Device STK401-050 Datasheet HTML 6Page - Sanyo Semicon Device STK401-050 Datasheet HTML 7Page - Sanyo Semicon Device STK401-050 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STK401-060
No. 4680—2/8
Specifications
Maximum Ratings at Ta = 25
°C
Operating Characteristics at Ta = 25
°C, R
L = 6Ω (noninductive load), Rg = 600Ω, VG = 40dB
Notes.
All tests are measured using a constant-voltage supply unless otherwise specified.
Available time for load short-circuit and output noise voltage are measured using the transformer supply specified below.
The output noise voltage is the peak value of an average-reading meter with an rms value scale (VTVM). A regulated AC supply (50Hz) should be used to eliminate the
effects of AC primary line flicker noise.
Specified Transformer Supply (RP-25 or Equivalent)
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
±41
V
Thermal resistance
θj-c
Per power transistor
1.8
°C/W
Junction temperature
Tj
150
°C
Operating substrate temperature
Tc
125
°C
Storage temperature
Tstg
−30 to +125
°C
Available time for load short-circuit
ts
VCC = ±28V, RL = 6Ω,
f = 50Hz, PO = 35W
1s
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VCC = ±34V
20
60
100
mA
Output power
PO(1)
VCC = ±28V, f = 20Hz to
20kHz, THD = 0.4%
35
40
W
PO(2)
VCC = ±23V, f = 1kHz,
THD = 1.0%, RL = 3Ω
35
40
W
Total harmonic distortion
THD(1)
VCC = ±28V, f = 20Hz to
20kHz, PO = 1.0W
0.4
%
THD(2)
VCC = ±28V, f = 1kHz,
PO = 5.0W
0.01
%
Frequency response
fL, fH
VCC = ±28V, PO = 1.0W,
20 to 50k
Hz
Input impedance
ri
VCC = ±28V, f = 1kHz,
PO = 1.0W
–55
k
Output noise voltage
VNO
VCC = ±34V, Rg = 10kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±34V
−70
0
+70
mV
+0
−3 dB


Similar Part No. - STK401-050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK401-050 SANYO-STK401-050 Datasheet
184Kb / 7P
   3ch AF Power Amplifier(Split Power Supply) 10W10W10W,THD=0.4%
STK401-050 SANYO-STK401-050 Datasheet
257Kb / 8P
   AF Power Amplifier (Split Power Supply) (20 W 20 W min, THD = 0.4%)?
STK401-050 SANYO-STK401-050 Datasheet
186Kb / 7P
   2ch AF Power Amplifier (Split Power Supply) 15 W 15 W, THD = 0.08%??????
STK401-050 SANYO-STK401-050 Datasheet
403Kb / 10P
   3-Channel AF Power Amplifier (Split Power Supply) (15 W 15 W 15 W min, THD = 0.4 %)
STK401-050 SANYO-STK401-050 Datasheet
259Kb / 8P
   AF Power Amplifier (Split Power Supply) (25 W 25 W min, THD = 0.4%)?
More results

Similar Description - STK401-050

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4030II SANYO-STK4030II Datasheet
104Kb / 4P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.4%)?
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4030V SANYO-STK4030V Datasheet
374Kb / 5P
   AF Power Amplifier (Split Power Supply) (35W min, THD = 0.08%)???
STK4050II SANYO-STK4050II Datasheet
82Kb / 3P
   AF Power Amplifier (Split Power Supply) (200W min, THD = 0.4%)
STK4036II SANYO-STK4036II Datasheet
69Kb / 3P
   AF Power Amplifier (Split Power Supply) (50W min, THD = 0.4%)
STK4032II SANYO-STK4032II Datasheet
43Kb / 3P
   AF Power Amplifier (Split Power Supply) (40W min, THD = 0.4%)???
STK4112II SANYO-STK4112II Datasheet
242Kb / 8P
   AF Power Amplifier (Split Power Supply) (10W 10W min, THD = 0.4%)
STK4192II SANYO-STK4192II Datasheet
253Kb / 8P
   AF Power Amplifier (Split Power Supply) (50W 50W min, THD = 0.4%)
STK4102II SANYO-STK4102II Datasheet
307Kb / 8P
   AF Power Amplifier (Split Power Supply) (6W 6W min, THD = 0.4%)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com