Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2134CKNFP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # R5F2134CKNFP
Description  The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2134CKNFP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button R5F2134CKNFP Datasheet HTML 6Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 7Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 8Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 9Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 10Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 11Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 12Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 13Page - Renesas Technology Corp R5F2134CKNFP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
R8C/34K Group
1. Overview
R01DS0040EJ0100 Rev.1.00
Page 10 of 58
Feb 25, 2011
I: Input
O: Output
I/O: Input and output
Table 1.7
Pin Functions (2)
Item
Pin Name
I/O Type
Description
USB
USB_DP/USB_DM
I/O
D+/D- I/O pins of the USB on-chip transceiver.
Connect these pins to the D+/D- pin of the USB bus.
USB_VBUS
I
USB cable connection monitor pin.
Connect this pin to VBUS of the USB bus. Whether VBUS is
connected or disconnected can be detected during operation
as a function.
USB_VBUSEN
O
VBUS (5 V) supply enable signal for external power supply
chip.
USB_OVRCURA/
USB_OVRCURB
I
External overcurrent detection signal should be connected to
these pins. VBUS comparator signals should be connected
to these pins when the USB host power supply chip is
connected.
USB_DPUPE
O
1.5 k
Ω pull-up resistor control signal for USB D+ signal when
operating as a function controller.
USB_VCC
I/O
USB power supply pin.
USB_DPRPD/
USB_DRPD
O15 k
Ω pull-down resistor control signals for USB D+ and D-
signals when operating as a host.
USB_ID
I
ID input signal for microAB or miniAB connector should be
connected when operating on OTG.
USB_EXICEN
O
Low-power control signal for external power supply (OTG)
chip. Connect this pin to the OTG power supply IC to be
connected externally.
Reference voltage
input
VREF
I
Reference voltage input pin to A/D converter.
A/D converter
AN0 to AN11
I
Analog input pins to A/D converter.
ADTRG
I
AD external trigger input pin.
Comparator B
IVCMP1, IVCMP3
I
Comparator B analog voltage input pins.
IVREF1, IVREF3
I
Comparator B reference voltage input pins.
I/O port
P0_0 to P0_7,
P1_0 to P1_7,
P3_0, P3_3 to P3_5,
P3_7,
P4_3 to P4_7,
P6_0, P6_5 to P6_7,
P7_6, P7_7,
P8_0 to P8_3
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.


Similar Part No. - R5F2134CKNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2134CWJFP RENESAS-R5F2134CWJFP Datasheet
623Kb / 70P
   RENESAS MCU
R5F2134CWKFP RENESAS-R5F2134CWKFP Datasheet
623Kb / 70P
   RENESAS MCU
R5F2134CXJFP RENESAS-R5F2134CXJFP Datasheet
623Kb / 70P
   RENESAS MCU
R5F2134CXKFP RENESAS-R5F2134CXKFP Datasheet
623Kb / 70P
   RENESAS MCU
R5F2134CYJFP RENESAS-R5F2134CYJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results

Similar Description - R5F2134CKNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21364MNFP RENESAS-R5F21364MNFP Datasheet
594Kb / 61P
   The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
551Kb / 58P
   The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21386MNFP RENESAS-R5F21386MNFP Datasheet
577Kb / 58P
   The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F213M8KNNP RENESAS-R5F213M8KNNP Datasheet
565Kb / 60P
   The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com