Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F213MCKNXXXNP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F213MCKNXXXNP
Description  The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F213MCKNXXXNP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F213MCKNXXXNP Datasheet HTML 1Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 2Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 3Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 4Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 5Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 6Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 7Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 8Page - Renesas Technology Corp R5F213MCKNXXXNP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
R8C/3MK Group
1. Overview
R01DS0038EJ0100 Rev.1.00
Page 5 of 56
Feb 25, 2011
1.3
Block Diagram
Figure 1.2 shows a Block Diagram.
Figure 1.2
Block Diagram
R8C CPU core
Memory
ROM (1)
RAM (2)
Multiplier
R0H
R0L
R1H
R2
R3
R1L
A0
A1
FB
SB
USP
ISP
INTB
PC
FLG
I/O ports
System clock generation
circuit
XIN-XOUT
High-speed on-chip oscillator
Low-speed on-chip oscillator
PLL frequency synthesizer
Timers
Timer RA (8 bits
× 1)
Timer RB (8 bits
× 1)
Timer RC (16 bits
× 1)
UART or
clock synchronous serial I/O
(8 bits
× 4)
I2C bus or SSU
(8 bits
× 1)
Peripheral functions
Watchdog timer
(14 bits)
Comparator B
Voltage detection circuit
DTC
Low-speed on-chip oscillator
for watchdog timer
8
Port P1
5
Port P3
USB FIFO
(448 bytes)
USB Function
(USB2.0 Full speed)
2
Port P7
Notes:
1. ROM size varies with MCU type.
2. RAM size varies with MCU type.
A/D converter
(10 bits
× 10 channels)
Port P0
6
Port P4
3
3
Port P6
3
Port P8
LIN module


Similar Part No. - R5F213MCKNXXXNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213MCQNNP RENESAS-R5F213MCQNNP Datasheet
517Kb / 50P
   RENESAS MCU
More results

Similar Description - R5F213MCKNXXXNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21364MNFP RENESAS-R5F21364MNFP Datasheet
594Kb / 61P
   The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
551Kb / 58P
   The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21386MNFP RENESAS-R5F21386MNFP Datasheet
577Kb / 58P
   The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com