Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F363AENFA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F363AENFA
Description  This MCU consumes low power, and supports operating modes
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F363AENFA Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F363AENFA Datasheet HTML 1Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 2Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 3Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 4Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 5Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 6Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 7Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 8Page - Renesas Technology Corp R5F363AENFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 119 page
background image
M16C/63 Group
RENESAS MCU
R01DS0033EJ0200
Rev.2.00
Feb 07, 2011
Datasheet
R01DS0033EJ0200 Rev.2.00
Page 1 of 115
Feb 07, 2011
1.
Overview
1.1
Features
The M16C/63 Group microcomputer (MCU) incorporates the M16C/60 Series CPU core and flash
memory, employing sophisticated instructions for a high level of efficiency. This MCU has 1 MB of address
space (expandable to 4 MB), and it is capable of executing instructions at high speed. In addition, the
CPU core boasts a multiplier for high-speed operation processing.
This MCU consumes low power, and supports operating modes that allow additional power control. The
MCU also uses an anti-noise configuration to reduce emissions of electromagnetic noise and is designed
to withstand electromagnetic interference (EMI). By integrating many of the peripheral functions, including
the multifunction timer and serial interface, the number of system components has been reduced.
1.1.1
Applications
This MCU can be used in audio components, cameras, televisions, household appliances, office
equipment, communication devices, mobile devices, industrial equipment, and other applications.


Similar Part No. - R5F363AENFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F363AENFA RENESAS-R5F363AENFA Datasheet
2Mb / 115P
   RENESAS MCU
R5F363AENFA RENESAS-R5F363AENFA Datasheet
1Mb / 119P
   RENESAS MCU
More results

Similar Description - R5F363AENFA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F3651TNFC RENESAS-R5F3651TNFC_11 Datasheet
891Kb / 115P
   This MCU consumes low power, and supports operating modes
R5F364A6NFA RENESAS-R5F364A6NFA Datasheet
747Kb / 92P
   This MCU consumes low power, and supports operating modes
R5F36CAMNFA RENESAS-R5F36CAMNFA_11 Datasheet
769Kb / 99P
   This MCU consumes low power, and supports operating modes that allow additional
logo
Microchip Technology
LAN89730 MICROCHIP-LAN89730 Datasheet
1Mb / 218P
   Implements Reduced Power Operating Modes
07/14/15
logo
CML Microcircuits
FX929B CMLMICRO-FX929B Datasheet
1Mb / 48P
   Flexible Operating Modes
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI Datasheet
456Kb / 19P
   Operating supply modes
logo
STMicroelectronics
AN2629 STMICROELECTRONICS-AN2629 Datasheet
468Kb / 43P
   low-power modes
April 2009 Rev 2
AN2476 STMICROELECTRONICS-AN2476 Datasheet
665Kb / 49P
   STR75x low power modes
AN4365 STMICROELECTRONICS-AN4365 Datasheet
830Kb / 35P
   Using STM32F4 MCU power modes with best dynamic efficiency
LSM330 STMICROELECTRONICS-LSM330 Datasheet
1Mb / 75P
   Power-down and sleep modes
December 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com