Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F56108VNFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F56108VNFP
Description  The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56108VNFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F56108VNFP Datasheet HTML 1Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 2Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 3Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 4Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 5Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 6Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 7Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 8Page - Renesas Technology Corp R5F56108VNFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
RX610 Group
1. Overview
R01DS0097EJ0100
Rev.1.00
Page 5 of 83
Apr 22, 2011
1.2
List of Products
Table 1.2 is the list of products, and figure 1.1 shows how to read the product part no.
Table 1.2
List of Products
Part No.
Package
ROM Capacity
RAM Capacity
Data Flash
Operating
Frequency (Max.)
R5F56108VNFP
PLQP0144KA-A
2 Mbytes
128 Kbytes
32 Kbytes
100 MHz
R5F56108WNBG
PLBG0176GA-A
2 Mbytes
128 Kbytes
32 Kbytes
100 MHz
R5F56107VNFP
PLQP0144KA-A
1.5 Mbytes
128 Kbytes
32 Kbytes
100 MHz
R5F56107WNBG
PLBG0176GA-A
1.5 Mbytes
128 Kbytes
32 Kbytes
100 MHz
R5F56106VNFP
PLQP0144KA-A
1 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F56106WNBG
PLBG0176GA-A
1 Mbyte
128 Kbytes
32 Kbytes
100 MHz
R5F56104VNFP
PLQP0144KA-A
768 Kbytes
128 Kbytes
32 Kbytes
100 MHz
R5F56104WNBG
PLBG0176GA-A
768 Kbytes
128 Kbytes
32 Kbytes
100 MHz
556
F10 8
V
N FP
Indicates the package.
FP: LQFP
BG: LFBGA
Indicates the characteristic code.
N: Regular specifications
D: Wide-range specifications
Indicates the number of pins.
V: 144 pins
W: 176 pins
Indicates a Renesas semiconductor product.
Indicates the type of memory.
F: Flash memory version
Indicates the RX600 Series.
Indicates the RX610 Group.
R
Indicates a Renesas MCU.
Indicates the ROM capacity, RAM capacity,
and data flash capacity.
8: 2 Mbytes/128 Kbytes/32 Kbytes
7: 1.5 Mbytes/128 Kbytes/32 Kbytes
6: 1 Mbyte/128 Kbytes/32 Kbytes
4: 768 Kbytes/128 Kbytes/32 Kbytes
Figure 1.1
How to Read the Product Part No.


Similar Part No. - R5F56108VNFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56108VNFP RENESAS-R5F56108VNFP Datasheet
1Mb / 8P
   32-Bit MCU
R5F56108VNFP RENESAS-R5F56108VNFP Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
R5F56108VNFP RENESAS-R5F56108VNFP_13 Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
More results

Similar Description - R5F56108VNFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
logo
Anaren Microwave
A1101R09A-EM1 ANAREN-A1101R09A-EM1_14 Datasheet
701Kb / 3P
   The A1101R09A-EM1 is a high-performance, interface board with an FCC The A1101R09A-EM1 is a high-performance, interface board with an FCCcertified
logo
ON Semiconductor
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
logo
Renesas Technology Corp
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
logo
Anaren Microwave
A1101R08C-EM1 ANAREN-A1101R08C-EM1_14 Datasheet
737Kb / 3P
   The A1101R08C-EM1 is a high-performance, interface board with an ETSI
A1101R08A-EM1 ANAREN-A1101R08A-EM1_14 Datasheet
734Kb / 3P
   The A1101R08A-EM1 is a high-performance, interface board with an ETSI
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
logo
Anaren Microwave
A1101R09C-EM1 ANAREN-A1101R09C-EM1_14 Datasheet
687Kb / 3P
   The A1101R09C-EM1 is a high-performance, interface board with an FCCcertified
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com