Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK402-030 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # STK402-030
Description  Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-030 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  STK402-030 Datasheet HTML 1Page - Sanyo Semicon Device STK402-030 Datasheet HTML 2Page - Sanyo Semicon Device STK402-030 Datasheet HTML 3Page - Sanyo Semicon Device STK402-030 Datasheet HTML 4Page - Sanyo Semicon Device STK402-030 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PS No. 7065-5/5
STK402-090
ITF02157
1k
10
100
50
40
30
20
10
0
60
100
80
90
70
2 3
5 7
2 3
5 7
2 3
5 7
2 3
5 7
10k
100k
RL = 6 Ω, VCC = ±32 V, THD = 10 %
RL = 6 Ω, VCC = ±32 V, THD = 0.4 %
Tc = 25
°C
VG = 30 dB
Rg = 600
PO -- f
Frequency, f - Hz
ITF02155
0.001
1.0
0.1
0.01
7
5
3
2
0.1
7
5
3
2
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
2
2
3
5
7
2
3
5
7
10
2
3
5
7 100
20 kHz
20 Hz
1 kHz
Tc = 25
°C
VCC = ±32 V
VG = 30 dB
RL = 6 Ω
Rg = 600
THD -- PO
Output power, PO -- W
ITF02168
0
1.0
0.1
80
60
70
50
40
30
20
10
2
3
5
7
2
3
5
7
10
2
3
5
7 100
RL = 6 Ω
VCC = ±32 V
f = 1kHz
VG = 30 dB
Rg = 600
2ch drive
Pd -- PO
Output power, PO / ch -- W
This catalog provides information as of December, 2002. Specifications and information herein are
subject to change without notice.
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer’s
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer’s products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products (including technical data, services) described or contained
herein are controlled under any of applicable local export control laws and regulations, such products must
not be exported without obtaining the export license from the authorities concerned in accordance with the
above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the “Delivery Specification”
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.


Similar Part No. - STK402-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
STK402-030 SANYO-STK402-030 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
More results

Similar Description - STK402-030

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
STK402-270 SANYO-STK402-270 Datasheet
112Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
logo
STMicroelectronics
TDA749213TR STMICROELECTRONICS-TDA749213TR Datasheet
537Kb / 32P
   50 W 50 W dual BTL class-D audio amplifier
logo
Sanyo Semicon Device
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK403-430 SANYO-STK403-430 Datasheet
135Kb / 8P
   Six-Channel Class AB Audio Power Amplifier IC 20 W X 6 Channels
STK412-090 SANYO-STK412-090 Datasheet
53Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs 50W 50 W
logo
STMicroelectronics
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
logo
NXP Semiconductors
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
logo
Toshiba Semiconductor
TB2923HQ TOSHIBA-TB2923HQ Datasheet
300Kb / 17P
   50 W × 4-ch BTL Audio Power IC
2006-11-30
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com