Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F56106WNBG Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F56106WNBG
Description  The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56106WNBG Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F56106WNBG Datasheet HTML 7Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 8Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 9Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 10Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 11Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 12Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 13Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 14Page - Renesas Technology Corp R5F56106WNBG Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
RX610 Group
1. Overview
R01DS0097EJ0100
Rev.1.00
Page 11 of 83
Apr 22, 2011
Pin No.
176-Pin
LFBGA
Power Supply
Clock
System Control
I/O Port
Interrupt
External
Bus
Timer
Communi-
cation
Analog
On-Chip
Emulator
C6
VSS
C7
P94
AN12
C8
BSCANP
C9
PG3
C10
PD2
D2
C11
P62
CS2#-A/
CS6#-A
C12
VSS
C13
PD7
D7
C14
PE3
D11
C15
PE5
IRQ5-A
D13
D1
P65
IRQ15-A
D2
P01
IRQ9-A
TMCI2
RxD6
D3
AVSS
D4
P40
IRQ8-B
AN0
D5
P44
IRQ12-B
AN4
D6
P91
AN9
D7
P95
AN13
D8
PG0
D9
PG4
D10
PD3
D3
D11
P64
CS4#-B
D12
PE4
D12
D13
PE6
IRQ6-A
D14
D14
PE7
IRQ7-A
D15
D15
PG5
E1
VSS
E2
WDTOVF#
TDO
E3
EMLE
E4
P00
IRQ8-A
TMRI2
TxD6
E12
VCC
E13
PG7
E14
PG6
E15
VSS
F1
MD1
F2
MD0
F3
VCL
F4
MDE
F12
PA3
A3
PO19/
TIOCC6/
TIOCD6/
TCLKF


Similar Part No. - R5F56106WNBG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56106WNBG RENESAS-R5F56106WNBG Datasheet
1Mb / 8P
   32-Bit MCU
R5F56106WNBG RENESAS-R5F56106WNBG Datasheet
1Mb / 86P
   RENESAS 32-Bit MCU
More results

Similar Description - R5F56106WNBG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
logo
Anaren Microwave
A1101R09A-EM1 ANAREN-A1101R09A-EM1_14 Datasheet
701Kb / 3P
   The A1101R09A-EM1 is a high-performance, interface board with an FCC The A1101R09A-EM1 is a high-performance, interface board with an FCCcertified
logo
ON Semiconductor
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
logo
Renesas Technology Corp
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
logo
Anaren Microwave
A1101R08C-EM1 ANAREN-A1101R08C-EM1_14 Datasheet
737Kb / 3P
   The A1101R08C-EM1 is a high-performance, interface board with an ETSI
A1101R08A-EM1 ANAREN-A1101R08A-EM1_14 Datasheet
734Kb / 3P
   The A1101R08A-EM1 is a high-performance, interface board with an ETSI
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
logo
Anaren Microwave
A1101R09C-EM1 ANAREN-A1101R09C-EM1_14 Datasheet
687Kb / 3P
   The A1101R09C-EM1 is a high-performance, interface board with an FCCcertified
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com