Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60F0DPQ-A0-T0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJH60F0DPQ-A0-T0
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60F0DPQ-A0-T0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJH60F0DPQ-A0-T0 Datasheet HTML 1Page - Renesas Technology Corp RJH60F0DPQ-A0-T0 Datasheet HTML 2Page - Renesas Technology Corp RJH60F0DPQ-A0-T0 Datasheet HTML 3Page - Renesas Technology Corp RJH60F0DPQ-A0-T0 Datasheet HTML 4Page - Renesas Technology Corp RJH60F0DPQ-A0-T0 Datasheet HTML 5Page - Renesas Technology Corp RJH60F0DPQ-A0-T0 Datasheet HTML 6Page - Renesas Technology Corp RJH60F0DPQ-A0-T0 Datasheet HTML 7Page - Renesas Technology Corp RJH60F0DPQ-A0-T0 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJH60F0DPQ-A0
Preliminary
R07DS0324EJ0100 Rev.1.00
Page 5 of 7
Apr 06, 2011
050
25
150
75
125
100
050
25
150
75
125
100
800
400
1600
1200
0
120
80
40
200
160
0
Switching Characteristics (Typical) (3)
100
1000
10
td(off)
td(on)
tf
tr
Junction Temperature Tj (°C)
(Inductive load)
Junction Temperature Tj (°C)
(Inductive load)
Switching Characteristics (Typical) (4)
Eoff
Eon
110
100
10
1000
100
100000
10000
110
100
Collector Current IC (A)
(Inductive load)
Eoff
Eon
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (2)
Collector Current IC (A)
(Inductive load)
VCC = 400 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
tr includes the diode recovery
VCC = 400 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
Eon includes the diode recovery
VCC = 400 V, VGE = 15 V
IC = 30 A, Rg = 5 Ω
Eon includes the diode recovery
VCC = 400 V, VGE = 15 V
IC = 30 A, Rg = 5 Ω
tr includes the diode recovery
td(off)
td(on)
tf
tr


Similar Part No. - RJH60F0DPQ-A0-T0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0_15 Datasheet
95Kb / 8P
   600 V - 25 A - IGBT High Speed Power Switching
More results

Similar Description - RJH60F0DPQ-A0-T0

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com