Electronic Components Datasheet Search |
|
57-11UTC-S827-1-TR8 Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd |
|
57-11UTC-S827-1-TR8 Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd |
10 / 11 page LifecyclePhase: Revision : 1 Expired Period: Forever Release Date:2008-09-20 00:15:56.0 EVERLIGHT ELECTRONICS CO.,LTD. Technical Data Sheet Side View White SMD LEDs 57-11UTC/S827-1/TR8 Everlight Electronics Co., Ltd. http://www.everlight.com Rev. 1 Page: 10 of 11 Device No. : DSE-571-050 Prepared date : 30-May-2007 Prepared by:Teresa Precautions For Use 1. Over-current-proof Customer must apply resistors for protection, otherwise slight voltage shift will cause big current change ( Burn out will happen ). 2. Storage 2.1 Do not open moisture proof bag before the products are ready to use. 2.2 Before opening the package: The LEDs should be kept at 30 or less and 90%RH or less. ℃ 2.3 After opening the package: The LED's floor life is 1 year under 30 deg C or less and 60% RH or less. If unused LEDs remain, it should be stored in moisture proof packages. 2.4 If the moisture absorbent material (silica gel) has faded away or the LEDs have exceeded the storage time, baking treatment should be performed using the following conditions. Baking treatment : 60±5 for 24 hours. ℃ 3. Soldering Condition 3.1 Pb-free solder temperature profile 120 Sec. Max. 1~5 °C / Sec. Pre-heating 180~200°C 60 Sec. Max. Above 220°C 260°C. Max. 10 Sec. Max. 1~5 °C / Sec. 3.2 Reflow soldering should not be done more than two times. 3.3 When soldering, do not put stress on the LEDs during heating. 3.4 After soldering, do not warp the circuit board. 4.Soldering Iron Each terminal is to go to the tip of soldering iron temperature less than 350 for 3 ℃ seconds within once in less than the soldering iron capacity 25W. Leave two seconds and more intervals, and do soldering of each terminal. Be careful because the damage of the product is often started at the time of the hand solder. |
Similar Part No. - 57-11UTC-S827-1-TR8 |
|
Similar Description - 57-11UTC-S827-1-TR8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |