Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F562T7DDFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F562T7DDFP
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7DDFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F562T7DDFP Datasheet HTML 1Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 2Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 3Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 4Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 5Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 6Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 7Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 8Page - Renesas Technology Corp R5F562T7DDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 4 of 92
Apr 20, 2011
RX62T Group
1. Overview
Timers
General PWM timer
(GPT)
 16 bits x 4 channels
 Counting up or down (saw-wave), counting up and down (triangle-wave) selectable for
all channels
 Clock sources independently selectable for all channels
 2 input/output pins per channel
 2 output compare/input capture registers per channel
 For the 2 output compare/input capture registers of each channel, 4 registers are
provided as buffer registers and are capable of operating as comparison registers when
buffering is not in use.
 In output compare operation, buffer switching can be at peaks or troughs, enabling the
generation of laterally asymmetrically PWM waveforms.
 Registers for setting up frame intervals on each channel (with capability for generating
interrupts on overflow or underflow)
 Synchronizable operation of the several counters
 Modes of synchronized operation (synchronized, or displaced by desired times for phase
shifting)
 Generation of dead times in PWM operation
 Through combination of three counters, generation of automatic three-phase PWM
waveforms incorporating dead times
 Starting, clearing, and stopping counters in response to external or internal triggers
 Internal trigger sources: output of the internal comparator detection, software, and
compare-match
 The frequency-divided system clock (ICLK) can be used as a counter clock for
measuring timing of the edges of signals produced by frequency-dividing the low-speed
on-chip oscillator clock signal dedicated to IWDT (to detect abnormal oscillation).
Compare match
timer (CMT)
 (16 bits x 2 channels) x 2 units
 Select from among four internal clock signals (PCLK/8, PCLK/32, PCLK/128, PCLK/512)
Watchdog timer
(WDT)
 8 bits x 1 channel
 Select from among eight counter-input clock signals (PCLK/4, PCLK/64, PCLK/128,
PCLK/512, PCLK/2048, PCLK/8192, PCLK/32768, PCLK/131072)
 Switchable between watchdog timer mode and interval timer mode
Independent
watchdog
timer (IWDT)
 14 bits x 1 channel
 Counter-input clock: low-speed on-chip oscillator dedicated to IWDT
Communications
Serial
communications
interface (SCIb)
 3 channels
 Serial communications modes:
Asynchronous, clock synchronous, and smart-card interface
 Multiprocessor communications
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Noise cancellation (only available in asynchronous mode)
I2C bus interface
(RIIC)
 1 channel
 Communications formats
I2C bus format/SMBus format
Master/slave selectable
Table 1.1
Outline of Specifications (3 / 5)
Classification
Module/Function
Description


Similar Part No. - R5F562T7DDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7DDFP RENESAS-R5F562T7DDFP Datasheet
640Kb / 25P
   MCUs
More results

Similar Description - R5F562T7DDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com