Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F562TAEDFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F562TAEDFP
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TAEDFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F562TAEDFP Datasheet HTML 7Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 8Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 9Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 10Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 11Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 12Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 13Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 14Page - Renesas Technology Corp R5F562TAEDFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 11 of 92
Apr 20, 2011
RX62T Group
1. Overview
1.4
Pin Assignments
Figure 1.3 to Figure 1.6 show the pins assignments. Table 1.4 to Table 1.7 show the list of pins and pin functions.
Figure 1.3
Pin Assignment of the 112-Pin LQFP
P80/MTIC5W/RXD2-B
P81/MTIC5V/TXD2-B
P82/MTIC5U/SCK2-B
56
PG3/TRDATA2
55
PG4/TRDATA3
54
PG5/TRCLK
P61/AN1
53
P90/MTIOC7D
P60/AN0
52
P91/MTIOC7C
P55/AN11
51
P92/MTIOC6D
P54/AN10
50
P93/MTIOC7B
P53/AN9
49
P94/MTIOC7A
P52/AN8
48
P95/MTIOC6B
P51/AN7
47
VSS
P50/AN6
46
P96/IRQ4/POE4#
P47/AN103/CVREFH
45
VCC
P46/AN102
44
PA0/MTIOC6C/SSL3-B
P45/AN101
43
PA1/MTIOC6A/SSL2-B
P44/AN100
42
PA2/MTIOC2B/SSL1-B
AVCC0
41
PA3/MTIOC2A/SSL0-B
VREFH0
40
PA4/ADTRG0#-A/MTIOC1B/RSPCK-B
P43/AN003/CVREFL
39
PA5/ADTRG1#-A/MTIOC1A/MISO-B
P42/AN002
38
PB0/MTIOC0D/MOSI-B
P41/AN001
37
PB1/MTIOC0C/RXD0/SCL
P40/AN000
36
PB2/MTIOC0B-A/TXD0/SDA
VREFL0
35
PB3/MTIOC0A-A/SCK0
AVSS0
34
PLLVSS
WDTOVF#
33
PB4/GTETRG/IRQ3/POE8#
P11/MTCLKC-B/IRQ1-A
32
PLLVCC
P10/MTCLKD-B/IRQ0-A
31
PB5/CTX-A/TXD2-A
TRST#
30
PB6/CRX-A/RXD2-A
TMS
29
PB7/SCK2-A
112
110
111
102
103
104
90
91
92
89
86
87
88
85
98
99
100
RX62T Group
PLQP0112JA-A
(112-pin LQFP)
(Top view)
106
107
108
109
105
101
97
93
94
95
96


Similar Part No. - R5F562TAEDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TAADFF RENESAS-R5F562TAADFF Datasheet
640Kb / 25P
   MCUs
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 25P
   MCUs
R5F562TAADFM RENESAS-R5F562TAADFM Datasheet
640Kb / 25P
   MCUs
R5F562TAADFP RENESAS-R5F562TAADFP Datasheet
640Kb / 25P
   MCUs
R5F562TABDFF RENESAS-R5F562TABDFF Datasheet
640Kb / 25P
   MCUs
More results

Similar Description - R5F562TAEDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
   100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
   40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
   100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com