Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2138AMDXXXFD Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F2138AMDXXXFD
Description  The R8C/38M Group has data flash (1 KB 횞 4 blocks) with the background operation
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138AMDXXXFD Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F2138AMDXXXFD Datasheet HTML 1Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 2Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 3Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 4Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 5Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 6Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 7Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 8Page - Renesas Technology Corp R5F2138AMDXXXFD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
R8C/38M Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0082EJ0110 Rev.0.10
Page 4 of 55
Mar 04, 2011
1.2
Product List
Table 1.3 lists Product List for R8C/38M Group. Figure 1.1 shows a Part Number, Memory Size, and Package of
R8C/38M Group.
(D): Under development
Note:
1. The user ROM is programmed before shipment.
Table 1.3
Product List for R8C/38M Group
Current of Mar 2011
Part No.
ROM Capacity
RAM
Capacity
Package Type
Remarks
Program
ROM
Data flash
R5F21386MNFP(D)
32 Kbytes
1 Kbyte
× 4 2.5 Kbytes PLQP0080KB-A
N version
R5F21387MNFP(D)
48 Kbytes
1 Kbyte
× 4 4 Kbytes
PLQP0080KB-A
R5F21388MNFP(D)
64 Kbytes
1 Kbyte
× 4 6 Kbytes
PLQP0080KB-A
R5F2138AMNFP(D)
96 Kbytes
1 Kbyte
× 4 8 Kbytes
PLQP0080KB-A
R5F2138CMNFP(D)
128 Kbytes 1 Kbyte
× 4 10 Kbytes
PLQP0080KB-A
R5F21386MNXXXFP(D)
32 Kbytes
1 Kbyte
× 4 2.5 Kbytes PLQP0080KB-A
N version Factory
programming
product (1)
R5F21387MNXXXFP(D)
48 Kbytes
1 Kbyte
× 4 4 Kbytes
PLQP0080KB-A
R5F21388MNXXXFP(D)
64 Kbytes
1 Kbyte
× 4 6 Kbytes
PLQP0080KB-A
R5F2138AMNXXXFP(D) 96 Kbytes
1 Kbyte
× 4 8 Kbytes
PLQP0080KB-A
R5F2138CMNXXXFP(D) 128 Kbytes 1 Kbyte
× 4 10 Kbytes
PLQP0080KB-A
R5F21386MDFP(D)
32 Kbytes
1 Kbyte
× 4 2.5 Kbytes PLQP0080KB-A
D version
R5F21387MDFP(D)
48 Kbytes
1 Kbyte
× 4 4 Kbytes
PLQP0080KB-A
R5F21388MDFP(D)
64 Kbytes
1 Kbyte
× 4 6 Kbytes
PLQP0080KB-A
R5F2138AMDFP(D)
96 Kbytes
1 Kbyte
× 4 8 Kbytes
PLQP0080KB-A
R5F2138CMDFP(D)
128 Kbytes 1 Kbyte
× 4 10 Kbytes
PLQP0080KB-A
R5F21386MDXXXFP(D)
32 Kbytes
1 Kbyte
× 4 2.5 Kbytes PLQP0080KB-A
D version Factory
programming
product (1)
R5F21387MDXXXFP(D)
48 Kbytes
1 Kbyte
× 4 4 Kbytes
PLQP0080KB-A
R5F21388MDXXXFP(D)
64 Kbytes
1 Kbyte
× 4 6 Kbytes
PLQP0080KB-A
R5F2138AMDXXXFP(D) 96 Kbytes
1 Kbyte
× 4 8 Kbytes
PLQP0080KB-A
R5F2138CMDXXXFP(D) 128 Kbytes 1 Kbyte
× 4 10 Kbytes
PLQP0080KB-A


Similar Part No. - R5F2138AMDXXXFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2138AMDXXXFP RENESAS-R5F2138AMDXXXFP Datasheet
561Kb / 58P
   RENESAS MCU
More results

Similar Description - R5F2138AMDXXXFD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F213J4TNNP RENESAS-R5F213J4TNNP_11 Datasheet
440Kb / 50P
   The R8C/3JT Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21364MNFP RENESAS-R5F21364MNFP Datasheet
594Kb / 61P
   The R8C/36M Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21348KNFP RENESAS-R5F21348KNFP Datasheet
572Kb / 61P
   The R8C/34K Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F213M6UNNP RENESAS-R5F213M6UNNP Datasheet
551Kb / 58P
   The R8C/3MU Group has data flash (1 KB 횞 4 blocks) with the background operation
R5F21346UNFP RENESAS-R5F21346UNFP Datasheet
570Kb / 61P
   The R8C/34U Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F21334TNFP RENESAS-R5F21334TNFP_11 Datasheet
445Kb / 50P
   The R8C/33T Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F213M8KNNP RENESAS-R5F213M8KNNP Datasheet
565Kb / 60P
   The R8C/3MK Group has data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R5F2L357CNFP RENESAS-R5F2L357CNFP_11 Datasheet
896Kb / 75P
   These groups have data flash (1 KB 횞 4 blocks) with the background operation (BGO)
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C35M RENESAS-R8C35M_15 Datasheet
548Kb / 57P
   The R8C/35M Group of single-chip MCUs incorporates the R8C CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com