Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA113 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA113
Description  THREE PHASE BRIDGE RECTIFIER ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA113 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA113_1 Datasheet HTML 1Page - Solid States Devices, Inc SDA113_1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDA113 __ __ __
Lead Bend 3/ __ = Straight Leads
UB = Up Bend
DB = Down Bend
Terminals 2/ 3/ L = Copper Leads
_ = Turret Terminals
Voltage A = 50 V
B = 100 V
C = 200 V
D = 400 V
E = 600 V
F = 800 V
G = 1000 V
SDA113 Series
7.5 A / 1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
• Higher Blocking Voltage Available. Contact Factory.
• High Output Current 7.5 Amps
• Low Reverse Leakage Current
• Constructed with Void-free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Small Package Size (1.500 x 0.875 x 0.310”)
• TX and TXV & S Level Screening Available
Fast, Ultra Fast, & Hyper Fast Versions Available.
Contact Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
VRRM
VRSM
VR
See Voltage Key
Volts
Average Rectified Forward Current 4/
(Resistive Load, 60 Hz Sine Wave)
TC = 55°C
TC = 100°C
Io
7.5
5.5
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C, per leg)
IFSM
50
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance, Junction to Case
RθJC
4.5
ºC/W
SDA113 ( L )
SDA113
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0047A
DOC
Lead Dia = .050”
Lead Length = 0.5” min


Similar Part No. - SDA113_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA113A SSDI-SDA113A Datasheet
264Kb / 2P
   THREE-PHASE3 AMP BRIDGE RECITIFIER ASSEMBLY
SDA113B SSDI-SDA113B Datasheet
264Kb / 2P
   THREE-PHASE3 AMP BRIDGE RECITIFIER ASSEMBLY
SDA113C SSDI-SDA113C Datasheet
264Kb / 2P
   THREE-PHASE3 AMP BRIDGE RECITIFIER ASSEMBLY
SDA113D SSDI-SDA113D Datasheet
264Kb / 2P
   THREE-PHASE3 AMP BRIDGE RECITIFIER ASSEMBLY
SDA113E SSDI-SDA113E Datasheet
264Kb / 2P
   THREE-PHASE3 AMP BRIDGE RECITIFIER ASSEMBLY
More results

Similar Description - SDA113_1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0018 SSDI-RA0018 Datasheet
46Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SPA612 SSDI-SPA612 Datasheet
91Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669_1 Datasheet
85Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA175HF SSDI-SDA175HF Datasheet
118Kb / 2P
   Three Phase Bridge Rectifier Assembly
RA0022 SSDI-RA0022 Datasheet
41Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0018 SSDI-RA0018_15 Datasheet
46Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA173HF SSDI-SDA173HF Datasheet
82Kb / 2P
   Three Phase Bridge Rectifier Assembly
RA0026F SSDI-RA0026F_15 Datasheet
142Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY
RA0106A SSDI-RA0106A_15 Datasheet
118Kb / 2P
   Three Phase Bridge Rectifier Assembly
logo
Sensitron
SL303100 SENSITRON-SL303100 Datasheet
57Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com