Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-21-S2C-FQ2R2B-2T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 67-21-S2C-FQ2R2B-2T
Description  TOP Views LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-S2C-FQ2R2B-2T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  67-21-S2C-FQ2R2B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-S2C-FQ2R2B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 4 of 10
Device No. : DSE-671-244
prepared date:12-17-2004
Prepared by: Bennett
67-21/S2C-FQ2R2B/2T
Bin Range Of Dominant Wavelength
Group
Bin Code
Min.
Max.
Unit
Condition
EE1
603
606
F
EE2
606
609
nm
IF=20mA
Bin Rang Of Luminous Intensity
Bin
Min
Max
Unit
Condition
Q2
90
112
R1
112
140
R2
140
180
mcd
IF=20mA
Bin Rang Of Forward Voltage
Group
Bin
Min
Max
Unit
Condition
0
1.75
1.95
1
1.95
2.15
B
2
2.15
2.35
V
IF=20mA
Notes:
1.Tolerance of Luminous Intensity ±10%
2.Tolerance of Dominant Wavelength ±1nm
3.Tolerance of Forward Voltage ±0.1V


Similar Part No. - 67-21-S2C-FQ2R2B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-S2C-FQ2R2B-2T EVERLIGHT-67-21-S2C-FQ2R2B-2T Datasheet
153Kb / 10P
   TOP Views LEDs
More results

Similar Description - 67-21-S2C-FQ2R2B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-22-R6G6C-B09-2T EVERLIGHT-67-22-R6G6C-B09-2T Datasheet
154Kb / 12P
   Top Views LEDs
67-21-S2C-FQ2R2B-2T EVERLIGHT-67-21-S2C-FQ2R2B-2T Datasheet
153Kb / 10P
   TOP Views LEDs
65-11UTC-S933-TR8 EVERLIGHT-65-11UTC-S933-TR8 Datasheet
182Kb / 11P
   Mini TOP Views LEDs
65-11-T2C-FV1W2E-2T EVERLIGHT-65-11-T2C-FV1W2E-2T Datasheet
277Kb / 11P
   Mini Top Views LEDs
65-11UWC-S731-TR8 EVERLIGHT-65-11UWC-S731-TR8 Datasheet
145Kb / 11P
   Mini TOP Views LEDs
67-22-R6BHC-B07-2T EVERLIGHT-67-22-R6BHC-B07-2T Datasheet
228Kb / 11P
   Bi-Color (Multi-color) Top Views LEDs
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
   Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
   Top View LEDs
logo
A-BRIGHT Inc
67-21UWC A-BRIGHT-67-21UWC Datasheet
270Kb / 6P
   TOP View LEDs
2009/2/20
67-21SURC A-BRIGHT-67-21SURC Datasheet
253Kb / 5P
   Top View LEDs
2009/2/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com