Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28E10 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS28E10
Description  1-Wire SHA-1 Authenticator Irreversible Write Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E10 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS28E10_11 Datasheet HTML 2Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 3Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 4Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 5Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 6Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 7Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 8Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 9Page - Maxim Integrated Products DS28E10_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
1-Wire SHA-1 Authenticator
6
ABRIDGED DATA SHEET
64-Bit ROM ID
Each device contains a unique ROM ID that is 64 bits
long. The first 8 bits are a 1-Wire family code. The next
48 bits are a unique serial number. The last 8 bits are a
cyclic redundancy check (CRC) of the first 56 bits. See
Figure 3 for details. The 1-Wire CRC is generated using
a polynomial generator consisting of a shift register and
XOR gates as shown in Figure 4. The polynomial is X8 +
X5 + X4 + 1. Additional information about the 1-Wire CRC
is available in Application Note 27: Understanding and
Using Cyclic Redundancy Checks with Maxim iButton®
Products.
The shift register bits are initialized to 0. Then, starting
with the least significant bit of the family code, one bit
at a time is shifted in. After the 8th bit of the family code
has been entered, the serial number is entered. After the
last bit of the serial number has been entered, the shift
register contains the CRC value. Shifting in the 8 bits of
the CRC returns the shift register to all 0s.
Memory
The device has three memory areas: user memory, secu-
rity data, and special function registers. User memory
and special function registers are located in a linear
address space, as shown in Figure 5. The user memory
begins at address 0000h and ends at address 0017h.
Refer to the full data sheet for additional information.
The user-writeable memory is implemented in EPROM
technology. The factory-default state of the memory is
00h. During programming, bits of the target 4-byte block
can be changed to a 1 or a 0. Once a block is written,
the entire 4-byte block becomes automatically write pro-
tected. This means it is not possible to program a block
multiple times, e.g., to change a few bits at a time.
Memory and SHA-1 Function
Commands
This section describes the commands and flowcharts
needed to use the memory and SHA-1 engine of the
device. Refer to the full data sheet for more informa-
tion.
Figure 4. 1-Wire CRC Generator
iButton is a registered trademark of Maxim Integrated
Products, Inc.
1ST
STAGE
2ND
STAGE
3RD
STAGE
4TH
STAGE
7TH
STAGE
8TH
STAGE
6TH
STAGE
5TH
STAGE
X0
X1
X2
X3
X4
POLYNOMIAL = X8 + X5 + X4 + 1
INPUT DATA
X5
X6
X7
X8


Similar Part No. - DS28E10_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10P++ MAXIM-DS28E10P+ Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
DS28E10P+T MAXIM-DS28E10P+T Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
DS28E10R+T MAXIM-DS28E10R+T Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
More results

Similar Description - DS28E10_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10 MAXIM-DS28E10 Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
DS28E16 MAXIM-DS28E16_V01 Datasheet
413Kb / 15P
   1-Wire Secure SHA-3 Authenticator
19-100438; Rev 2; 1/20
DS28E16 MAXIM-DS28E16 Datasheet
407Kb / 15P
   1-Wire Secure SHA-3 Authenticator
Rev 1; 3/19
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com