Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS24B33+R Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS24B33+R
Description  4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS24B33+R Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS24B33+R Datasheet HTML 1Page - Maxim Integrated Products DS24B33+R Datasheet HTML 2Page - Maxim Integrated Products DS24B33+R Datasheet HTML 3Page - Maxim Integrated Products DS24B33+R Datasheet HTML 4Page - Maxim Integrated Products DS24B33+R Datasheet HTML 5Page - Maxim Integrated Products DS24B33+R Datasheet HTML 6Page - Maxim Integrated Products DS24B33+R Datasheet HTML 7Page - Maxim Integrated Products DS24B33+R Datasheet HTML 8Page - Maxim Integrated Products DS24B33+R Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The DS24B33 is a 4096-bit, 1-Wire® EEPROM orga-
nized as 16 memory pages of 256 bits each. Data is
written to a 32-byte scratchpad, verified, and then
copied to the EEPROM memory. The DS24B33 commu-
nicates over a single-conductor 1-Wire bus. The com-
munication follows the standard 1-Wire protocol. Each
device has its own unalterable and unique 64-bit regis-
tration number that is factory programmed into the chip.
The registration number is used to address the device
in a multidrop 1-Wire net environment. The EEPROM
provides 200,000 cycles of write/erase endurance at
+25°C. The DS24B33 is software compatible to the
DS2433.
Applications
Storage of Calibration Constants
Board Identification
Storage of Product Revision Status
Features
♦ 4096 Bits of Nonvolatile EEPROM Partitioned Into
Sixteen 256-Bit Pages
♦ Read and Write Access is Highly Backward-
Compatible to the DS2433
♦ 256-Bit Scratchpad with Strict Read/Write
Protocols Ensures Integrity of Data Transfer
♦ 200,000 Write/Erase Cycle Endurance at +25°C
♦ Unique, Factory-Programmed, 64-Bit Registration
Number Ensures Error-Free Device Selection and
Absolute Part Identity
♦ Switchpoint Hysteresis to Optimize Performance
in the Presence of Noise
♦ Communicates to Host at 15.4kbps or 125kbps
Using 1-Wire Protocol
♦ Low-Cost Through-Hole and SMD Packages
♦ Operating Range: +2.8V to +5.25V, -40°C to +85°C
♦ IEC 1000-4-2 Level 4 ESD Protection (±8kV
Contact, ±15kV Air, Typical) for IO Pin
4Kb 1-Wire EEPROM with
200k Write/Erase Cycles
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
IO
RPUP
VCC
μC
GND
DS24B33
Typical Operating Circuit
19-5759; Rev 0; 2/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
PART
TEMP RANGE
PIN-PACKAGE
DS24B33+
-40
°C to +85°C
TO-92
DS24B33+T&R
-40
°C to +85°C
TO-92
DS24B33S+
-40
°C to +85°C
8 SO (208 mils)
DS24B33S+T&R
-40
°C to +85°C
8 SO (208 mils)
1-Wire is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS24B33+R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33+R MAXIM-DS24B33+R Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
More results

Similar Description - DS24B33+R

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128A ATMEL-ATMEGA128A_1 Datasheet
7Mb / 386P
   Write/Erase cycles: 10,000 Flash/100,000 EEPROM
logo
Maxim Integrated Produc...
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
   4Kb 1-Wire EEPROM
19-5581; 10/10
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
   1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
   1-Wire 4Kb EEPROM
Rev 3; 5/12
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com