Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS28E10P+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS28E10P+T
Description  1-Wire SHA-1 Authenticator Irreversible Write Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS28E10P+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS28E10P+T Datasheet HTML 7Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 8Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 9Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 10Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 11Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 12Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 13Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 14Page - Maxim Integrated Products DS28E10P+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
1-Wire SHA-1 Authenticator
17
ABRIDGED DATA SHEET
1-Wire Signaling
The DS28E10 requires strict protocols to ensure data
integrity. The protocol consists of four types of signaling
on one line: reset sequence with reset pulse and pres-
ence pulse, write-zero, write-one, and read-data. Except
for the presence pulse, the bus master initiates all falling
edges. The DS28E10 can communicate at two different
speeds: standard speed and overdrive speed. If not
explicitly set into the overdrive mode, the DS28E10 com-
municates at standard speed. While in overdrive mode
the fast timing applies to all waveforms.
To get from idle to active, the voltage on the 1-Wire line
needs to fall from VPUP below the threshold VIL. To get
from active to idle, the voltage needs to rise from 0V
past the threshold VIH. The time it takes for the voltage
to make this rise is seen in Figure 9 as
ε, and its dura-
tion depends on the pullup resistor (RPUP) used and the
capacitance of the 1-Wire network attached.
Figure 9 shows the initialization sequence required to
begin any communication with the DS28E10. A reset
pulse followed by a presence pulse indicates that the
DS28E10 is ready to receive data, given the correct
ROM and memory function command. If the bus master
uses slew-rate control on the falling edge, it must pull
down the line for tRSTL + tF to compensate for the edge.
A tRSTL duration of 480Fs or longer exits the overdrive
mode, returning the device to standard speed. If the
DS28E10 is in overdrive mode and tRSTL is no longer
than 80Fs, the device remains in overdrive mode. If the
device is in overdrive mode and tRSTL is between 80Fs
and 480Fs, the device resets, but the communication
speed is undetermined.
After the bus master has released the line it goes into
receive mode. Now the 1-Wire bus is pulled to VPUP
through the pullup resistor, or in case of a DS2482-x00
driver, by active circuitry. When the threshold VIH is
crossed, the DS28E10 waits for tPDH and then transmits
a presence pulse by pulling the line low for tPDL. To
detect a presence pulse, the master must test the logical
state of the 1-Wire line at tMSP.
The tRSTH window must be at least the sum of
tPDHMAX, tPDLMAX, and tRECMIN. Immediately after
tRSTH is expired, the DS28E10 is ready for data com-
munication. In a mixed population network, tRSTH should
be extended to minimum 480Fs at standard speed and
48Fs at overdrive speed to accommodate other 1-Wire
devices.
Read/Write Time Slots
Data communication with the DS28E10 takes place in
time slots, which carry a single bit each. Write time slots
transport data from bus master to slave. Read time slots
transfer data from slave to master. Figure 10 illustrates
the definitions of the write and read time slots.
All communication begins with the master pulling the
data line low. As the voltage on the 1-Wire line falls below
the threshold VIL, the DS28E10 starts its internal timing
generator that determines when the data line is sampled
Figure 9. Initialization Procedure: Reset and Presence Pulse
RESISTOR
MASTER
DS28E10
tRSTL
tRSTH
MASTER Tx "RESET PULSE"
MASTER Rx "PRESENCE PULSE"
VPUP
VIHMASTER
VIH
VIL
0V
ε
tF
tREC
tPDL
tPDH
tMSP


Similar Part No. - DS28E10P+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10P+T MAXIM-DS28E10P+T Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
More results

Similar Description - DS28E10P+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS28E10 MAXIM-DS28E10 Datasheet
1,000Kb / 17P
   1-Wire SHA-1 Authenticator
Rev 0; 6/10
DS28E16 MAXIM-DS28E16_V01 Datasheet
413Kb / 15P
   1-Wire Secure SHA-3 Authenticator
19-100438; Rev 2; 1/20
DS28E16 MAXIM-DS28E16 Datasheet
407Kb / 15P
   1-Wire Secure SHA-3 Authenticator
Rev 1; 3/19
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
DS28E15 MAXIM-DS28E15 Datasheet
780Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 512-Bit User EEPROM
Rev 0; 6/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS28EL22 MAXIM-DS28EL22 Datasheet
338Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
Rev 1; 3/21
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS28EL22 MAXIM-DS28EL22_V01 Datasheet
333Kb / 5P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 2Kb User EEPROM
219-0023; Rev 2; 5/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com