Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1100L Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1100L
Description  3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1100L Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1100L_11 Datasheet HTML 1Page - Maxim Integrated Products DS1100L_11 Datasheet HTML 2Page - Maxim Integrated Products DS1100L_11 Datasheet HTML 3Page - Maxim Integrated Products DS1100L_11 Datasheet HTML 4Page - Maxim Integrated Products DS1100L_11 Datasheet HTML 5Page - Maxim Integrated Products DS1100L_11 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 7
GENERAL DESCRIPTION
The DS1100L is a 3.3V version of the DS1100. It
is characterized for operation over the range 3.0V
to 3.6V. The DS1100L series delay lines have
five equally spaced taps providing delays from
4ns to 500ns. These devices are offered in
surface-mount packages to save PCB area. Low
cost
and
superior
reliability
over
hybrid
technology is achieved by the combination of a
100% silicon delay line and industry-standard
µMAX and SO packaging. The DS1100L 5-tap
silicon delay line reproduces the input-logic state
at the output after a fixed delay as specified by
the extension of the part number after the dash.
The DS1100L is designed to reproduce both
leading and trailing edges with equal precision.
Each tap is capable of driving up to 10 74LS
loads.
Maxim can customize standard products to meet
special needs.
FEATURES
 All-Silicon Timing Circuit
 Five Taps Equally Spaced
 Delays are Stable and Precise
 Both Leading- and Trailing-Edge Accuracy
 3.3V Version of the DS1100
 Low-Power CMOS
 TTL-/CMOS-Compatible
 Vapor-Phase and IR Solderable
 Custom Delays Available
 Fast-Turn Prototypes
 Delays Specified Over Both Commercial and
Industrial Temperature Ranges
PIN ASSIGNMENT
PIN DESCRIPTION
TAP 1 to TAP 5
- TAP Output Number
VCC
- +3.3V
GND
- Ground
IN
- Input
DS1100L
3.3V 5-Tap Economy Timing Element (Delay Line)
1
2
3
4
8
7
6
5
VCC
TAP 1
TAP 3
TAP 5
IN
TAP 2
TAP 4
GND
DS1100LZ SO (150 mils)
DS1100LU µMAX®
19-5736; Rev 3/11
µMAX is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS1100L_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
More results

Similar Description - DS1100L_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
logo
Dallas Semiconductor
DS1100L DALLAS-DS1100L Datasheet
156Kb / 6P
   3.3V 5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L_V01 Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Data Delay Devices, Inc...
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com