Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1842 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1842
Description  76V, APD, Bias Output Stage with Current Monitoring
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1842 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1842 Datasheet HTML 1Page - Maxim Integrated Products DS1842 Datasheet HTML 2Page - Maxim Integrated Products DS1842 Datasheet HTML 3Page - Maxim Integrated Products DS1842 Datasheet HTML 4Page - Maxim Integrated Products DS1842 Datasheet HTML 5Page - Maxim Integrated Products DS1842 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
76V, APD, Bias Output Stage with
Current Monitoring
_______________________________________________________________________________________
5
Detailed Description
The DS1842 contains discrete high-voltage compo-
nents required to create an APD bias voltage and to
monitor the APD bias current. The device’s mirror out-
puts are a current that is a precise ratio of the output
current across a large dynamic range. The mirror
response time is fast enough to comply with GPON Rx
burst-mode monitoring requirements. The device has a
built-in current-limiting feature to protect APDs. The
APD current can also be shut down by CLAMP or ther-
mal shutdown. The internal FET is used in conjunction
with a DC-DC boost controller to precisely create the
APD bias voltage.
Current Mirror
The DS1842 has two current mirror outputs. One is a
10:1 mirror connected at MIR1, and the other is a 5:1
mirror connected to MIR2.
The mirror output is typically connected to an ADC
using a resistor to convert the mirrored current into a
voltage. The resistor to ground should be selected such
that the maximum full-scale voltage of the ADC is
reached when the maximum mirrored current is
reached. For example, if the maximum monitored cur-
rent through the APD is 2mA with a 1V ADC full scale,
and the 10:1 mirror is used, then the correct resistor is
approximately 5k
Ω. If both MIR1 and MIR2 are con-
nected together, the correct resistor is 1.6k
Ω.
The mirror response time is dominated by the amount
of capacitance placed on the output. For burst-mode
Rx systems where the fastest response times are
required (approximately a 50ns time constant), a 3.3pF
capacitor and external op amp should be used to
buffer the signal sent to the ADC. For continuous mode
applications, a 10nF capacitor is all that is required on
the output.
Current Clamp
The DS1842 has a current clamping circuit to protect
the APD by limiting the amount of current from MIROUT.
There are three methods of current clamping available.
1) Internally Defined Current Limit
The device’s current clamp circuit automatically clamps
the current when it exceeds ICLAMP.
2) External Shutdown Signal
The CLAMP pin can completely shut down the current
from MIROUT. The CLAMP pin is active high.
3) Precise Level Set by External Feedback Circuit
A feedback circuit is used to control the level applied to
the CLAMP pin. Figure 1 shows an example feedback
circuit.
Thermal Shutdown
As a safety feature, the DS1842 has a thermal-shut-
down circuit that turns off the MIROUT and MIRIN cur-
rents when the internal die temperature exceeds
TSHDN. These currents resume after the device has
cooled.
Switch FET and Diode
The DS1842 switching FET is designed to complement
the DS1875 controller’s built-in DC-DC boost controller.
Other DC-DC converters are also compatible, including
the MAX1932. APD biasing of 16V to 76V can be
achieved using the DS1842.
CLAMP
MIR1
REF
Figure 1. Current Clamp from Current Feedback


Similar Part No. - DS1842

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN++ MAXIM-DS1842AN+ Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842AN+TR MAXIM-DS1842AN+TR Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
DS1842N++ MAXIM-DS1842N+ Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
More results

Similar Description - DS1842

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1842 MAXIM-DS1842 Datasheet
132Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 4/09
DS1842A MAXIM-DS1842A Datasheet
145Kb / 6P
   76V, APD, Bias Output Stage with Current Monitoring
Rev 0; 10/09
MAX15059 MAXIM-MAX15059 Datasheet
2Mb / 15P
   76V, 300mW Boost Converter and Current Monitor for APD Bias Applications
Rev 1; 3/10
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080 Datasheet
410Kb / 15P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
19-2562; Rev 0; 10/02
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Linear Technology
LT1166 LINER-LT1166_15 Datasheet
403Kb / 16P
   Power Output Stage Automatic Bias System
LT1166 LINER-LT1166 Datasheet
454Kb / 16P
   Power Output Stage Automatic Bias System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com