Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1339 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1339
Description  I2C Serial Real-Time Clock Trickle-Charge Capability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1339 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1339 Datasheet HTML 4Page - Maxim Integrated Products DS1339 Datasheet HTML 5Page - Maxim Integrated Products DS1339 Datasheet HTML 6Page - Maxim Integrated Products DS1339 Datasheet HTML 7Page - Maxim Integrated Products DS1339 Datasheet HTML 8Page - Maxim Integrated Products DS1339 Datasheet HTML 9Page - Maxim Integrated Products DS1339 Datasheet HTML 10Page - Maxim Integrated Products DS1339 Datasheet HTML 11Page - Maxim Integrated Products DS1339 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DS1339 I
2C Serial Real-Time Clock
8 of 20
PIN DESCRIPTION
PIN
NAME
FUNCTION
µSOP
SO
1
X1
Connections for Standard 32.768kHz Quartz Crystal. The internal oscillator
circuitry is designed for operation with a crystal having a specified load
capacitance (CL) of 6pF. An external 32.768kHz oscillator can also drive the
DS1339. In this configuration, the X1 pin is connected to the external oscillator
signal and the X2 pin is left unconnected.
For more information about crystal selection and crystal layout considerations,
refer to Application Note 58: Crystal Considerations with Dallas Real-Time
Clocks.
2
X2
3
14
VBACKUP
Secondary Power Supply. Supply voltage must be held between 1.3V and 3.7V
for proper operation. This pin can be connected to a primary cell, such as a
lithium button cell. Additionally, this pin can be connected to a rechargeable cell
or a super cap when used in conjunction with the trickle-charge feature. Diodes
should not be placed in series between the backup source and the VBACKUP input,
or improper operation will result. If a backup supply is not required, VBACKUP must
be grounded. UL recognized to ensure against reverse charging current when
used with a lithium cell. For more information, visit www.maxim-ic.com/qa/info/ul.
4
15
GND
Ground. DC power is provided to the device on these pins.
5
16
SDA
Serial Data Input/Output. SDA is the input/output pin for the I
2C serial interface.
The SDA pin is an open-drain output and requires an external pullup resistor.
The pull up voltage may be up to 5.5V regardless of the voltage on VCC.
6
1
SCL
Serial Clock Input. SCL is used to synchronize data movement on the I
2C serial
interface. The pull up voltage may be up to 5.5V regardless of the voltage on
VCC.
7
2
SQW/
INT
Square-Wave/Interrupt Output. Programmable square-wave or interrupt output
signal. The SQW/
INT pin is an open-drain output and requires an external pullup
resistor. The pull up voltage may be up to 5.5V regardless of the voltage on VCC.
If not used, this pin may be left unconnected.
8
3
VCC
Primary Power Supply. When voltage is applied within normal limits, the device
is fully accessible and data can be written and read. When a backup supply is
connected and VCC is below VPF, reads and writes are inhibited. The timekeeping
and alarm functions operate when the device is powered by VCC or VBACKUP.
4–13
N.C.
No Connection. These pins are unused and must be connected to ground.
TYPICAL OPERATING CIRCUIT
DS1339
4
CPU
VCC
VCC
VCC
5
6
8
1
2
SDA
SCL
GND
X2
X1
VCC
RPU
RPU
CRYSTAL
SQW/INT
VBACKUP
3
7
i


Similar Part No. - DS1339

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
   Serial Real-Time Clock
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
DS1339A MAXIM-DS1339A Datasheet
580Kb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 1; 5/13
More results

Similar Description - DS1339

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1339 MAXIM-DS1339_06 Datasheet
560Kb / 19P
   I2C Serial Real-Time Clock
REV: 092006
DS1339U-33TR MAXIM-DS1339U-33TR Datasheet
260Kb / 20P
   I2C Serial Real-Time Clock
Rev 4/11
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337_09 Datasheet
242Kb / 16P
   I2C Serial Real-Time Clock
7/09
DS1337 MAXIM-DS1337_06 Datasheet
576Kb / 15P
   I2C Serial Real-Time Clock
REV: 092706
DS1339A MAXIM-DS1339A Datasheet
1Mb / 19P
   Low-Current, I2C, Serial Real-Time Clock
Rev 0; 8/12
logo
Integrated Device Techn...
IDT1339-31DVGI IDT-IDT1339-31DVGI Datasheet
350Kb / 26P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
logo
Renesas Technology Corp
IDT1337G RENESAS-IDT1337G Datasheet
467Kb / 28P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
073013
logo
Integrated Device Techn...
IDT1339 IDT-IDT1339 Datasheet
362Kb / 27P
   REAL-TIME CLOCK WITH SERIAL I2C INTERFACE
1337CSRI IDT-1337CSRI Datasheet
368Kb / 24P
   REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com