Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9093A Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS9093A
Description  Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9093A Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS9093A Datasheet HTML 4Page - Maxim Integrated Products DS9093A Datasheet HTML 5Page - Maxim Integrated Products DS9093A Datasheet HTML 6Page - Maxim Integrated Products DS9093A Datasheet HTML 7Page - Maxim Integrated Products DS9093A Datasheet HTML 8Page - Maxim Integrated Products DS9093A Datasheet HTML 9Page - Maxim Integrated Products DS9093A Datasheet HTML 10Page - Maxim Integrated Products DS9093A Datasheet HTML 11Page - Maxim Integrated Products DS9093A Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS1904
10 of 13
READ/WRITE TIMING DIAGRAM Figure 9
Write-one Time Slot
15µs
60µs
DS1904
Sampling Window
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
tLOW1
60 µs
≤ t
SLOT < 120 µs
1 µs
≤ t
LOW1 < 15 µs
1 µs
≤ t
REC <
RESISTOR
MASTER
Write-zero Time Slot
15µs
RESISTOR
MASTER
DS1904
60µs
tLOW0
Sampling Window
60 µs ≤ tLOW0 < tSLOT < 120 µs
1 µs ≤ tREC <
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
Read-data Time Slot
RESISTOR
MASTER
DS1904
Master
Sampling Window
60 µs ≤ tSLOT < 120 µs
1 µs ≤ tLOWR < 15 µs
0 ≤ tRELEASE < 45 µs
1 µs ≤ tREC <
tRDV = 15 µs
tSU < 1 µs
VPULLUP
VPULLUP MIN
VIH MIN
VIL MAX
0V
tSLOT
tREC
tLOWR
tSU
tRDV
tRELEASE


Similar Part No. - DS9093A

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
72Kb / 12P
   RTC iButton
DS9093A DALLAS-DS9093A Datasheet
103Kb / 2P
   iButton Key Ring Mounts
logo
Maxim Integrated Produc...
DS9093A MAXIM-DS9093A Datasheet
675Kb / 42P
   Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9093A MAXIM-DS9093A Datasheet
649Kb / 55P
   Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
logo
Dallas Semiconductor
DS9093A DALLAS-DS9093A Datasheet
198Kb / 3P
   iButton Key Ring Mounts
More results

Similar Description - DS9093A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8523 NXP-PCF8523_12 Datasheet
700Kb / 75P
   Real-Time Clock (RTC) and calendar
Rev. 4-5 July 2012
PCF8523 NXP-PCF8523 Datasheet
1Mb / 66P
   Real-Time Clock (RTC) and calendar
Rev. 3-30 March 2011
logo
Intersil Corporation
X1205 INTERSIL-X1205 Datasheet
331Kb / 22P
   2-Wire RTC Real Time Clock/Calendar
logo
Renesas Technology Corp
X1205 RENESAS-X1205 Datasheet
873Kb / 22P
   2-Wire??RTC Real Time Clock/Calendar
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
NXP Semiconductors
PCA8565 NXP-PCA8565 Datasheet
813Kb / 39P
   Real time clock/calendar
Rev. 02-16 June 2009
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com