Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1344D-33+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1344D-33+
Description  Low-Current SPI/3-Wire RTCs Low Timekeeping Current of 250nA (typ)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1344D-33+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1344D-33+ Datasheet HTML 1Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 2Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 3Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 4Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 5Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 6Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 7Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 8Page - Maxim Integrated Products DS1344D-33+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Low-Current SPI/3-Wire RTCs
4
POWER-UP/DOWN CHARACTERISTICS
(TA = -40°C to +85°C, unless otherwise noted.)
CAPACITANCE
(TA = +25°C, unless otherwise noted.)
CRYSTAL PARAMETERS
Note 2: Voltage referenced to ground.
Note 3: Limits at TA = -40°C are guaranteed by design and not production tested.
Note 4: CE = VCC, VSCLK = VCC to GND, IOUT = 0mA, trickle charger disabled.
Note 5: CE = GND, IOUT = 0mA, EOSC = EGFIL = DOSF = 0, trickle charger disabled.
Note 6: VCC = 0V, EGFIL = 0, DOSF = 1.
Note 7: VCC = 0V, EGFIL = 1, DOSF = 0.
Note 8: Applies to INT0 and INT1.
Note 9: The parameter tOSF is the period of time the oscillator must be stopped for the OSF flag to be set.
Note 10: Guaranteed by design; not 100% production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Recovery at Power-Up
tREC
20
40
ms
VCC Fall Time (VPF to 0V)
tVCCF
150
F
s
VCC Rise Time (0V to VPF)
tVCCR
0
F
s
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CI
(Note 10)
10
pF
Output Capacitance
CO
(Note 10)
15
pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
100
kI
Load Capacitance
CL
DS1343
6
pF
DS1344
12.5


Similar Part No. - DS1344D-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1344 MAXIM-DS1344 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
More results

Similar Description - DS1344D-33+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
   Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
DS1390 MAXIM-DS1390 Datasheet
742Kb / 24P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 0; 7/04
DS1390 MAXIM-DS1390_09 Datasheet
388Kb / 26P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 3; 8/09
DS1390 MAXIM-DS1390_07 Datasheet
380Kb / 25P
   Low-Voltage SPI/3-Wire RTCs with Trickle Charger
Rev 1; 1/07
logo
Infineon Technologies A...
IFX30081LDV33 INFINEON-IFX30081LDV33 Datasheet
1Mb / 26P
   Ultra Low Quiescent Current of typ. 5.5
Rev.1.0, 2015-09-14
logo
Maxim Integrated Produc...
DS1341 MAXIM-DS1341_10 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 1; 12/10
DS1341 MAXIM-DS1341 Datasheet
799Kb / 14P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 0; 10/09
DS1341 MAXIM-DS1341_12 Datasheet
1Mb / 16P
   Low-Current I2C RTCs for High-ESR Crystals
Rev 2; 1/12
logo
Fairchild Semiconductor
KA3842ACS FAIRCHILD-KA3842ACS Datasheet
127Kb / 6P
   Low start current 0.2mA (Typ.)
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
   Low input biasing current: 25nA(Typ.)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com