Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9092 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS9092
Description  Logs Up to 2048 Consecutive Temperature Thermochron iButton
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS9092 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS9092 Datasheet HTML 1Page - Maxim Integrated Products DS9092 Datasheet HTML 2Page - Maxim Integrated Products DS9092 Datasheet HTML 3Page - Maxim Integrated Products DS9092 Datasheet HTML 4Page - Maxim Integrated Products DS9092 Datasheet HTML 5Page - Maxim Integrated Products DS9092 Datasheet HTML 6Page - Maxim Integrated Products DS9092 Datasheet HTML 7Page - Maxim Integrated Products DS9092 Datasheet HTML 8Page - Maxim Integrated Products DS9092 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Thermochron iButton
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VPUP = +2.8V to +5.25V, TA = -40°C to +85°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IO Voltage Range Relative to GND ..........................-0.5V to +6V
IO Sink Current....................................................................20mA
Operating Temperature Range ..........................-40°C to +85°C*
Storage Temperature Range..............................-40°C to +50°C*
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Resistance
RPUP
(Notes 1, 2)
2.2
k
Input Capacitance
CIO
(Notes 3, 4)
100
800
pF
Input Load Current
IL
IO pin at VPUP (Note 5)
10
μA
VPUP > 4.5V
1.14
2.70
High-to-Low Switching Threshold
(Notes 4, 6, 7, 8)
VTL
0.71
2.70
V
Input Low Voltage
VIL
(Notes 1, 6, 9)
0.30
V
VPUP > 4.5V
1.00
2.70
Low-to-High Switching Threshold
(Notes 4, 6, 7, 10)
VTH
0.66
2.70
V
Output Low Voltage at 4mA
VOL
(Notes 6, 11)
0.4
V
Standard speed, RPUP = 2.2k
5
Overdrive speed, RPUP = 2.2k
2
Recovery Time (Notes 1, 4)
tREC
Overdrive speed, directly prior to reset
pulse; RPUP = 2.2k
5
μs
Standard speed
65
Time-Slot Duration (Notes 1, 12)
tSLOT
Overdrive speed
8
μs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Standard speed, VPUP > 4.5V
480
640
Standard speed
540
640
Overdrive speed, VPUP > 4.5V
48
80
Reset Low Time (Notes 1,12)
tRSTL
Overdrive speed
58
80
μs
Standard speed
15
60
Presence-Detect High
Time (Note 12)
tPDH
Overdrive speed
1.1
6
μs
Standard speed
60
270
Overdrive speed, VPUP > 4.5V
7.5
24
Presence-Detect Low
Time (Note 12)
tPDL
Overdrive speed
7.5
32
μs
Standard speed
60
75
Presence-Detect
Sample Time (Notes 1, 4)
tMSP
Overdrive speed
6
8.6
μs
*
Storage or operation above +50°C significantly reduces battery life.


Similar Part No. - DS9092

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9092 DALLAS-DS9092 Datasheet
72Kb / 12P
   RTC iButton
DS9092 DALLAS-DS9092 Datasheet
729Kb / 22P
   Temperature iButton
logo
Maxim Integrated Produc...
DS9092 MAXIM-DS9092 Datasheet
139Kb / 12P
   Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9092 MAXIM-DS9092 Datasheet
649Kb / 55P
   Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
DS9092 MAXIM-DS9092 Datasheet
599Kb / 13P
   DeepCover Secure Authenticator iButton with SHA-256
Rev 0; 6/18
More results

Similar Description - DS9092

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
   Thermochron iButton
Rev 6; 3/12
logo
Dallas Semiconductor
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
   Thermochron iButton Device
2015
logo
Dallas Semiconductor
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
   Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
   Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
   Thermochron iButton
Rev 5; 9/11
logo
Dallas Semiconductor
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
   High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
   Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
   High-Resolution Thermochron iButton
Rev 8/09
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
   High-Resolution Thermochron iButton
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com