Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR529 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR529
Description  HYPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR529 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR529 Datasheet HTML 1Page - Solid States Devices, Inc SDR529 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR526 thru SDR529
SDR526SMS thru SDR529SMS
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 3 ADC, 300 - 500μsec Pulse)
TA = 25
oC
TA = -55
oC
VF1
VF2
––
––
2.50
2.50
Volts
Volts
Reverse Leakage Current
(Rated VR, 300μsec minimum pulse)
TA = 25
oC
TA = 100
oC
IR1
IR2
––
––
50
250
μA
μA
Junction Capacitance
(VR = 10 VDC, TA = 25
oC, f = 1 MHz)
CJ
––
50
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
trr
––
35
ns
DIM
MIN
MAX
Case Outline: (Axial)
A
0.140”
0.180”
B
0.170”
0.230”
C
0.046”
0.053”
D
1.00”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.170”
0.180”
B
0.220”
0.280”
C
0.020”
0.030”
D
0.002”
––
Note: Dimensions prior to soldering.
NOTES:
Consult manufacturing for operating curves.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0049E
DOC


Similar Part No. - SDR529

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR529 SSDI-SDR529 Datasheet
29Kb / 2P
   3 AMPS 600 - 900 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR529SMS SSDI-SDR529SMS Datasheet
29Kb / 2P
   3 AMPS 600 - 900 VOLTS 35 nsec HYPER FAST RECTIFIER
More results

Similar Description - SDR529

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
   HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
   HYPER FAST RECTIFIER
RC0089 SSDI-RC0089 Datasheet
170Kb / 2P
   Hyper Fast Rectifier
RC0092 SSDI-RC0092 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RC0157A SSDI-RC0157A Datasheet
117Kb / 2P
   Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
   HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
   Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
   HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com