Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR953S1 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR953S1
Description  HYPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR953S1 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR953S1 Datasheet HTML 1Page - Solid States Devices, Inc SDR953S1 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0027B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDR95 __ __ __
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
Package
S1= SMD1
Family/Voltage
3 = 300V
4 = 400V
5 = 500V
SDR953S1
thru
SDR955S1
50 AMP
HYPER FAST RECTIFIER
300 - 500 VOLTS
35 nsec
FEATURES:
Hyper Fast Recovery: 35 nsec Maximum
High Surge Rating
Low Reverse Leakage Current
Low Junction Capacitance
Hermetically Sealed Surface Mount Package
Gold Eutectic Die Attach Available
Ultrasonic Aluminum Wire Bonds
TX, TXV, or Space Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage 3/
SDR953
SDR954
SDR955
VRRM
VRWM
VR
300
400
500
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
IO
50
Amps
Peak Surge Current 4/
(8.3 ms Pulse, Half Sine Wave, TA = 25ºC)
IFSM
450
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
0.8
ºC/W
NOTES:
1/ For ordering information, price, and availability, contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Higher voltages available.
4/ Connect pins 2 & 3 together
SMD1


Similar Part No. - SDR953S1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
   50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
   50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
   50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953/3 SSDI-SDR953/3 Datasheet
48Kb / 2P
   50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953/61 SSDI-SDR953/61 Datasheet
215Kb / 2P
   50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
More results

Similar Description - SDR953S1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
   HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
   HYPER FAST RECTIFIER
RC0089 SSDI-RC0089 Datasheet
170Kb / 2P
   Hyper Fast Rectifier
RC0092 SSDI-RC0092 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RC0157A SSDI-RC0157A Datasheet
117Kb / 2P
   Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
   HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
   Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
   Hyper Fast Rectifier
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
   Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
   HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com