Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2431G+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2431G+
Description  1024-Bit, 1-Wire EEPROM Individual Memory Pages Can Be Permanently
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2431G+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2431G+ Datasheet HTML 1Page - Maxim Integrated Products DS2431G+ Datasheet HTML 2Page - Maxim Integrated Products DS2431G+ Datasheet HTML 3Page - Maxim Integrated Products DS2431G+ Datasheet HTML 4Page - Maxim Integrated Products DS2431G+ Datasheet HTML 5Page - Maxim Integrated Products DS2431G+ Datasheet HTML 6Page - Maxim Integrated Products DS2431G+ Datasheet HTML 7Page - Maxim Integrated Products DS2431G+ Datasheet HTML 8Page - Maxim Integrated Products DS2431G+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1024-Bit, 1-Wire EEPROM
________________________________________________________________
Maxim Integrated Products
1
19-4675; Rev 10; 3/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The DS2431 is a 1024-bit, 1-Wire® EEPROM chip orga-
nized as four memory pages of 256 bits each. Data is
written to an 8-byte scratchpad, verified, and then
copied to the EEPROM memory. As a special feature, the
four memory pages can individually be write protected or
put in EPROM-emulation mode, where bits can only be
changed from a 1 to a 0 state. The DS2431 communi-
cates over the single-conductor 1-Wire bus. The commu-
nication follows the standard 1-Wire protocol. Each
device has its own unalterable and unique 64-bit ROM
registration number that is factory lasered into the chip.
The registration number is used to address the device in
a multidrop, 1-Wire net environment.
Applications
Accessory/PCB Identification
Medical Sensor Calibration Data Storage
Analog Sensor Calibration Including IEEE
P1451.4 Smart Sensors
Ink and Toner Print Cartridge Identification
After-Market Management of Consumables
Features
♦ 1024 Bits of EEPROM Memory Partitioned Into
Four Pages of 256 Bits
♦ Individual Memory Pages Can Be Permanently
Write Protected or Put in EPROM-Emulation Mode
(“Write to 0”)
♦ Switchpoint Hysteresis and Filtering to Optimize
Performance in the Presence of Noise
♦ IEC 1000-4-2 Level 4 ESD Protection (±8kV
Contact, ±15kV Air, Typical)
♦ Reads and Writes Over a Wide Voltage Range
from 2.8V to 5.25V from -40°C to +85°C
♦ Communicates to Host with a Single Digital
Signal at 15.4kbps or 125kbps Using 1-Wire
Protocol
♦ Also Available as Automotive Version Meeting
AEC-Q100 Grade 1 Qualification Requirements
(DS2431-A1; Refer to the IC Data Sheet for
Details)
Ordering Information
IO
RPUP
VCC
μC
GND
DS2431
Typical Operating Circuit
Note: The leads of TO-92 packages on tape and reel are
formed to approximately 100-mil (2.54mm) spacing. For
details, refer to the package outline drawing.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
T&R = Tape and reel.
*
EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
DS2431+
-40°C to +85°C
3 TO-92
DS2431+T&R
-40°C to +85°C
3 TO-92
DS2431P+
-40°C to +85°C
6 TSOC
DS2431P+T&R
-40°C to +85°C
6 TSOC
DS2431G+
-40°C to +85°C
2 SFN
DS2431G+T&R
-40°C to +85°C
2 SFN
DS2431Q+T&R
-40°C to +85°C
6 TDFN-EP* (2.5k pcs)
DS2431X-S+
-40°C to +85°C
3x3 UCSPR (2.5k pcs)
DS2431X+
-40°C to +85°C
3x3 UCSPR (10k pcs)
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
Pin Configurations appear at end of data sheet.


Similar Part No. - DS2431G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431G++ MAXIM-DS2431G+ Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431G++ MAXIM-DS2431G+ Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431G+R MAXIM-DS2431G+R Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431G+T MAXIM-DS2431G+T Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431G+T&R MAXIM-DS2431G+T&R Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
More results

Similar Description - DS2431G+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2431 MAXIM-DS2431_09 Datasheet
274Kb / 26P
   1024-Bit, 1-Wire EEPROM
Rev 7; 6/09
DS2431 MAXIM-DS2431_V01 Datasheet
909Kb / 27P
   1024-Bit, 1-Wire EEPROM
2021
DS2431 MAXIM-DS2431_12 Datasheet
663Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 12; 2/12
DS2431 MAXIM-DS2431 Datasheet
291Kb / 24P
   1024-Bit 1-Wire EEPROM
Rev 8; 10/09
logo
Dallas Semiconductor
DS2431 DALLAS-DS2431 Datasheet
170Kb / 23P
   1024-Bit 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS2431_1203 MAXIM-DS2431_1203 Datasheet
334Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431 MAXIM-DS2431_08 Datasheet
283Kb / 25P
   1024-Bit, 1-Wire EEPROM
Rev 6; 8/08
DS2431QU MAXIM-DS2431QU Datasheet
474Kb / 27P
   1024-Bit, 1-Wire EEPROM
Rev 13; 3/12
DS2431-A1 MAXIM-DS2431-A1 Datasheet
220Kb / 21P
   1024-Bit, 1-Wire EEPROM for Automotive Applications
Rev 0; 11/07
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com